Electronic Components Datasheet Search
  English  ▼

X  

APW7008 Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APW7008
Description  1X/1.5X/2x Charge Pump White LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7008 Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APW7008_12 Datasheet HTML 6Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 7Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 8Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 9Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 10Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 11Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 12Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 13Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2009
APW7008
www.anpec.com.tw
10
VOUT (1V/div)
VIN (1V/div)
ILED (20mA/div)
4 LEDs at 20mA, VF=3.1V
VIN=3.2V to 3.8V
VOUT (1V/div)
VIN (1V/div)
ILED (10mA/div)
4 LEDs at 20mA
VF=3.1V, VIN=4V
LED1 is open
VOUT (1V/div)
CTRL0 (1V/div)
ILED (10mA/div)
4 LEDs at 20mA, VF=3.1V,
VIN=2.7V, f=200Hz
VOUT (1V/div)
CTRL0 (1V/div)
ILED (10mA/div)
4 LEDs at 20mA, VF=3.1V
VIN=3.3V, f=200Hz
Typical Operating Characteristics (Cont.)
TIME (2ms/div)
Dimming in 1.5x Mode
Dimming in 2x Mode
TIME (2ms/div)
OVP Even with LED Open Circuit
TIME (0.2ms/div)
TIME (0.1ms/div)
Line Transient Response in 1x to 1.5x Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com