Electronic Components Datasheet Search
  English  ▼

X  

APW7008 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7008
Description  1X/1.5X/2x Charge Pump White LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7008 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7008_12 Datasheet HTML 1Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 2Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 3Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 4Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 5Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 6Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 7Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 8Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2009
APW7008
www.anpec.com.tw
5
20
30
40
50
60
70
80
90
100
2.5
3
3.5
4
4.5
4 LEDs at 15mA
VF=3.3V
20
30
40
50
60
70
80
90
100
2.5
3
3.5
4
4.5
4 LEDs at 20mA
VF=3.3V
20
30
40
50
60
70
80
90
100
2.5
3
3.5
4
4.5
4 LEDs at 15mA
VF=3.1V
20
30
40
50
60
70
80
90
100
2.5
3
3.5
4
4.5
4 LEDs at 20mA
VF=3.1V
Typical Operating Characteristics
Input Voltage (V)
Efficiency vs. Input Voltage
Efficiency vs. Input Voltage
Input Voltage (V)
Efficiency vs. Input Voltage
Input Voltage (V)
Input Voltage (V)
Efficiency vs. Input Voltage
20
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com