Electronic Components Datasheet Search
  English  ▼

X  

APW7008 Datasheet(PDF) 15 Page - Anpec Electronics Coropration

Part # APW7008
Description  1X/1.5X/2x Charge Pump White LED Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7008 Datasheet(HTML) 15 Page - Anpec Electronics Coropration

Back Button APW7008_12 Datasheet HTML 11Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 12Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 13Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 14Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 15Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 16Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 17Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 18Page - Anpec Electronics Coropration APW7008_12 Datasheet HTML 19Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jun., 2009
APW7008
www.anpec.com.tw
15
Application Information
Where:
I
LED(max) is programmed LED current by ISET pin
toff is the off time of the PWM signal
ton is the on time of the PWM signal
CTRL2
CTRL1
CTRL0
EN
VIN
4
3
2
1
APW7008
OFF
ON
PWM
0
2
4
6
8
10
12
14
16
18
20
0
10
20
30
40
50
60
70
80
90 100
Dimming Duty (%)
f=40kHz
f=100Hz
LED=20mA
VIN=2.7V, 2x mode
f=50kHz
f=10kHz
Figure 3. PWM Dimming Frequency vs. LED Current
Figure 2. PWM Dimming Application Circuit
1. PWM dimming using CTRL0, CTRL1, CTRL2
The first method for dimming the LEDs is to apply a PWM
signal into the CTRL0, CTRL1, and CTRL2 pins. Figure 2
shows the application circuit. The average LED current is
proportional to the PWM signal duty cycle. Note that the
frequency of PWM signal will affect the minimum dim-
ming duty. Figure 3 shows the LED current vs. dimming
frequency and dimming duty, the recommend dimming
frequency is below 10kHz. The average LED current is
calculated by the following equation:
Brightness Control
Capacitor Selection
For lower input and output voltage ripples, both input and
output capacitors should be larger values and lower
ESR capacitors. However, the larger output capacitor
values will increase the soft-start time. The lower charge
pump flying capacitors values and ESR improve the
efficiency, but lower capacitor values may limit the
LED’s currents at low input voltage.
It is recommended that the low ESR and low variation over
temperature, such as the ceramic capacitors with X7R
or X5R and the value is 1
µF for the input capacitor, out-
put capacitor, and the charge pump flying capacitors.
2. Analog dimming with analog voltage
The second method for dimming the LEDs is to apply a
voltage through a resistor into the ISET pin. The variation
of LED current is proportional to the variation of the ana-
log voltage. If the resistor values are chosen correctly, the
analog control voltage varies the output current from 0mA
to full LED current. Figure4 shows the application circuit.
See the table2 and choose the required maximum LED
current and the corresponsive R
SET value, using the be-
low equation to calculate the values of R1 and R2, note
that the V
ADJ will need to be greater than 1.2V.
Where:
V
ISET = 1.2V
V
ADJ = the analog voltage for dimming the LEDs
R
SET = the equivalent RSET resistance (see table 2).
ISET
R1
5
APW7008
VADJ
R2
Figure 4. Analog Voltage Dimming Application Circuit
toff
ton
I
toff
I
(max)
LED
)
avg
(
LED
+
×
=
SET
ADJ
ISET
ADJ
ADJ
R
V
2
R
)
V
V
(
1
R
V
+
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com