Electronic Components Datasheet Search
  English  ▼

X  

APW7063 Datasheet(PDF) 12 Page - Anpec Electronics Coropration

Part # APW7063
Description  Synchronous Buck PWM and Linear Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7063 Datasheet(HTML) 12 Page - Anpec Electronics Coropration

Back Button APW7063 Datasheet HTML 8Page - Anpec Electronics Coropration APW7063 Datasheet HTML 9Page - Anpec Electronics Coropration APW7063 Datasheet HTML 10Page - Anpec Electronics Coropration APW7063 Datasheet HTML 11Page - Anpec Electronics Coropration APW7063 Datasheet HTML 12Page - Anpec Electronics Coropration APW7063 Datasheet HTML 13Page - Anpec Electronics Coropration APW7063 Datasheet HTML 14Page - Anpec Electronics Coropration APW7063 Datasheet HTML 15Page - Anpec Electronics Coropration APW7063 Datasheet HTML 16Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.10 - Aug., 2009
APW7063
www.anpec.com.tw
12
TSoft-Start = t1 - t0 =
0.8V
I
C
SS
SS ×
t3 = t2
+
0.8V
I
C
SS
SS ×
VREG (Pin 3)
An internal regulator will supply 6V for boost voltage, a
1
µF capacitor to GND is recommended for stability. If the
VREG voltage has variation by other interference, the IC
can not work normally. When the VCC<8V, don’t use the
VREG for BOOST voltage.
FB (Pin 4)
FB pin is the inverting input of the error amplifier, and it
receives the feedback voltage from an external resistive
divider across the output (V
OUT). The output voltage is de-
termined by :
Function Pin Description
RT (Pin 1)
This pin can adjust the switching frequency. Connect a
resistor from RT to VCC for decreasing the switching
frequency. Conversely, connect a resistor from RT to GND
for increasing the switching frequency (See Typical
Characteristics).
SS (Pin 2)
Connect a capacitor from this pin to GND to set the soft-
start interval of the converter. An internal 10
µA current
source charges this capacitor to 5.2V. The SS voltage
clamps the reference voltage to the SS voltage, and Fig-
ure1 shows the soft-start interval. At t0, the internal source
current starts to charge the capacitor and the internal 0.8V
reference also starts to rise and follows the SS. Until the
internal reference reaches to 0.8V at t2, the soft-start in-
terval is completed. This method provides a rapid and
controlled output voltage rise. The way of the Soft-Start of
the output2 is the same as the output1, but it starts from
the SS at 2.2V to 3.0V. The APW7063 also provides the
internal Soft-Start which is fixed to 2ms (t0 to t1). If the
external Soft-Start interval is slower than the internal Soft-
Start interval (CSS<0.025
µF) or no external capacitor,
the Soft-Start will follow the internal Soft-Start.
+
×
=
GND
OUT
OUT
R
R
1
0.8V
V
where ROUT is the resistor connected from V
OUT to FB,
and RGND is the resistor connected from FB to GND.
When the FB voltage is under 50% Vref, it will cause the
under voltage protection and shutdown the device. Re-
move the condition and restart the VCC voltage or pull the
COMP from low to high once will enable the device again.
Figure 1. Soft-Start Interval
Where:
CSS = external Soft-Start capacitor
ISS = Soft-Start current = 10
µA
t2 =
V
2.2
I
C
SS
SS ×
COMP (Pin 5)
This pin is the output of the error amplifier. Add an exter-
nal resistor and capacitor network to provide the loop
compensation for the PW M converter (See Applica-
tion Information).
TIME
VOLTAGE
t
1
t
2
t
0
V
SOFT-START
V
OUT2
t
3
V
OUT1
FB
FBL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com