Electronic Components Datasheet Search
  English  ▼

X  

APW7063 Datasheet(PDF) 16 Page - Anpec Electronics Coropration

Part # APW7063
Description  Synchronous Buck PWM and Linear Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7063 Datasheet(HTML) 16 Page - Anpec Electronics Coropration

Back Button APW7063 Datasheet HTML 12Page - Anpec Electronics Coropration APW7063 Datasheet HTML 13Page - Anpec Electronics Coropration APW7063 Datasheet HTML 14Page - Anpec Electronics Coropration APW7063 Datasheet HTML 15Page - Anpec Electronics Coropration APW7063 Datasheet HTML 16Page - Anpec Electronics Coropration APW7063 Datasheet HTML 17Page - Anpec Electronics Coropration APW7063 Datasheet HTML 18Page - Anpec Electronics Coropration APW7063 Datasheet HTML 19Page - Anpec Electronics Coropration APW7063 Datasheet HTML 20Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.10 - Aug., 2009
APW7063
www.anpec.com.tw
16
Application Information (Cont.)
2
2
1
F
C1
R3
C1
C2
S
−
×
×
×
π
=
FLC
FESR
FP=0.5FS
FZ=0.75FLC
FO
Frequency
PWM &
Filter Gain
Compensation Gain
Converter
Gain
OSC
IN
?V
V
log
20
⋅
R3)
log(gm
20
⋅
⋅
Gain
Compensation (Cont.)
Figure 6. Converter Gain & Frequency
Calculate the C2 by the equation:
MOSFET Selection
The selection of the N-channel power MOSFETs is deter-
mined by the R
DS(ON), reverse transfer capacitance (CRSS),
and maximum output current requirement.The losses in
the MOSFETs have two components: conduction loss and
transition loss. For the upper and lower MOSFET, the
losses are approximately given by the following equations:
P
UPPER = Iout (1+ TC)(RDS(ON))D + (0.5)(Iout)(VIN)(tsw)FS
P
LOWER = Iout (1+ TC)(RDS(ON))(1-D)
where I
OUT is the load current
TC is the temperature dependency of R
DS(ON)
F
S is the switching frequency
t
sw is the switching interval
D is the duty cycle
Note that both MOSFETs have conduction losses while
the upper MOSFET include an additional transition loss.
The switching internal, t
sw, is the function of the reverse
transfer capacitance C
RSS. Figure 7 illustrates the switch-
ing waveform internal of the MOSFET.
The (1+TC) term factors in the temperature dependency
of the R
DS(ON) and can be extracted from the “RDS(ON) vs Tem-
perature”curve of the power MOSFET.
Linear Regulator Input/Output Capacitor Selection
The input capacitor is chosen based on its voltage rating.
Under load transient condition, the input capacitor will
momentarily supply the required transient current. A 1
µF
ceramic capacitor will be sufficient in most applications.
The output capacitor for the linear regulator is chosen to
minimize any droop during load transient condition. In
addition, the capacitor is chosen based on its voltage
rating.
Linear Regulator MOSFET Selection
The maximum DRIVE voltage is determined by the VCC.
Since this pin drives an external N-channel MOSFET, the
maximum output voltage of the linear regulator is depen-
dent upon the VGS.
Pdiss = Iout * (V
IN - VOUT2)
Another criteria is its efficiency of heat removal. The power
dissipated by the MOSFET is given by:
VOUT2MAX = VCC- VGS
where Iout is the maximum load current
V
out2 is the nominal output voltage
In some applications, heatsink may be required to help
maintain the junction temperature of the MOSFET below
its maximum rating.
Layout Consideration
In high power switching regulator, a correct layout is im-
portant to ensure proper operation of the regulator. In
general, interconnecting impedances should be mini-
mized by using short and wide printed circuit traces. Sig-
nal and power grounds are to be kept separate and finally
combined using ground plane construction or single point
grounding. Figure 8 illustrates the layout, with bold lines
indicating high current paths. Components along the bold
lines should be placed close together. Below is a check-
list for your layout:
• Keep the switching nodes (UGATE, LGATE, and PHASE)
away from sensitive small signal nodes since these
nodes are fast moving signals. Therefore, keep traces
to these nodes as short as possible.
• The ground return of C
IN must return to the combine
C
OUT (-) terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com