Electronic Components Datasheet Search
  English  ▼

X  

APW7063 Datasheet(PDF) 15 Page - Anpec Electronics Coropration

Part # APW7063
Description  Synchronous Buck PWM and Linear Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7063 Datasheet(HTML) 15 Page - Anpec Electronics Coropration

Back Button APW7063 Datasheet HTML 11Page - Anpec Electronics Coropration APW7063 Datasheet HTML 12Page - Anpec Electronics Coropration APW7063 Datasheet HTML 13Page - Anpec Electronics Coropration APW7063 Datasheet HTML 14Page - Anpec Electronics Coropration APW7063 Datasheet HTML 15Page - Anpec Electronics Coropration APW7063 Datasheet HTML 16Page - Anpec Electronics Coropration APW7063 Datasheet HTML 17Page - Anpec Electronics Coropration APW7063 Datasheet HTML 18Page - Anpec Electronics Coropration APW7063 Datasheet HTML 19Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.10 - Aug., 2009
APW7063
www.anpec.com.tw
15
FESR
FLC
Frequency
-40dB/dec
-20dB/dec
Gain
Application Information (Cont.)
Figure 3. The LC Filter Gain & Frequency
The PWM modulator is shown in Figure 4. The input is
the output of the error amplifier and the output is the PHASE
node. The transfer function of the PWM modulator is given
by:
GAINPWM =
VOSC
PWM
Comparator
Driver
Driver
Output of
Error
Amplifier
VIN
PHASE
Figure 4. The PWM Modulator
The compensation circuit is shown in Figure 5. R3 and
C1 introduce a zero and C2 introduces a pole to reduce
the switching noise. The transfer function of error ampli-
fier is given by:
GAINAMP =
+
×
sC2
1
//
sC1
1
R3
gm
=
=
The pole and zero of the compensation network are:
FP =
FZ
=
Compensation (Cont.)
OSC
IN
V
V
∆
Zo
gm
×
C2
C2
C1
R3
C2
C1
s
s
C1
R3
1
s
gm
×
×
×
+
+
×
×
+
×
C2
C1
C2
C1
R3
2
1
+
×
×
×
π
×
C1
R3
2
1
×
×
π
×
C2
V OUT
R2
R1
R3
E rror
Am plifier
V REF
C1
COMP
FB
-
+
Figure 5. Compensation Network
The closed loop gain of the converter can be written as:
GAINLC x GAINPWM x
x GAINAMP
R2
R1
R2
+
Figure 6 shows the converter gain and the following guide-
lines will help to design the compensation network.
1.Select the desired zero crossover frequency FO:
(1/5 ~ 1/10) x FS >FO>FZ
Use the following equation to calculate R3:
gm
F
R2
R2
R1
2
F
F
V
V
R3
O
LC
ESR
IN
OSC
×
+
×
×
∆
=
Where:
gm = 900
µA/V
2.Place the zero FZ before the LC filter double poles
FLC:
FZ = 0.75 x FLC
Calculate the C1 by the equation:
LC
F
0.75
R1
2
1
C1
×
×
×
π
×
=
3. Set the pole at the half the switching frequency:
FP = 0.5xFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com