Electronic Components Datasheet Search
  English  ▼

X  

APW7068 Datasheet(PDF) 21 Page - Anpec Electronics Coropration

Part # APW7068
Description  Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7068 Datasheet(HTML) 21 Page - Anpec Electronics Coropration

Back Button APW7068 Datasheet HTML 17Page - Anpec Electronics Coropration APW7068 Datasheet HTML 18Page - Anpec Electronics Coropration APW7068 Datasheet HTML 19Page - Anpec Electronics Coropration APW7068 Datasheet HTML 20Page - Anpec Electronics Coropration APW7068 Datasheet HTML 21Page - Anpec Electronics Coropration APW7068 Datasheet HTML 22Page - Anpec Electronics Coropration APW7068 Datasheet HTML 23Page - Anpec Electronics Coropration APW7068 Datasheet HTML 24Page - Anpec Electronics Coropration APW7068 Datasheet HTML 25Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2009
APW7068
www.anpec.com.tw
21
Package Information
QFN4x4-16A
Pin 1
D
A
A1
A3
D2
Pin 1 Corner
e
S
Y
M
B
O
L
MIN.
MAX.
1.00
0.00
0.25
0.35
2.10
2.50
0.05
2.10
A
A1
b
D
D2
E
E2
e
L
MILLIMETERS
A3
0.20 REF
QFN4x4-16A
0.30
0.50
2.50
0.008 REF
MIN.
MAX.
INCHES
0.039
0.000
0.010
0.014
0.083
0.098
0.083
0.012
0.020
0.80
0.098
0.031
0.002
0.65 BSC
0.026 BSC
3.90
4.10
0.154
0.161
3.90
4.10
0.154
0.161
0.20
0.008
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com