Electronic Components Datasheet Search
  English  ▼

X  

APW7068 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7068
Description  Synchronous Buck PWM and Linear Controller with 0.8V Reference Out Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7068 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7068 Datasheet HTML 2Page - Anpec Electronics Coropration APW7068 Datasheet HTML 3Page - Anpec Electronics Coropration APW7068 Datasheet HTML 4Page - Anpec Electronics Coropration APW7068 Datasheet HTML 5Page - Anpec Electronics Coropration APW7068 Datasheet HTML 6Page - Anpec Electronics Coropration APW7068 Datasheet HTML 7Page - Anpec Electronics Coropration APW7068 Datasheet HTML 8Page - Anpec Electronics Coropration APW7068 Datasheet HTML 9Page - Anpec Electronics Coropration APW7068 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2009
APW7068
www.anpec.com.tw
6
Typical Operating Characteristics
UGATE Voltage (V)
UGATE Source Current vs. UGATE Voltage
UGATE Voltage (V)
UGATE Sink Current vs. UGATE Voltage
LGATE Voltage (V)
LGATE Source Current vs. LGATE Voltage
LGATE Voltage(V)
LGATE Sink Current vs. LGATE Voltage
Junction Temperature (
°C)
V
REF vs. Junction Temperature
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
12
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
12
0
1
2
3
4
5
6
7
0
1
2
3
4
V
BOOT =12V
V
PHASE=0V
V
BOOT =12V
V
PHASE=0V
V
CC12=12V
V
CC12=12V
0.8005
0.801
0.8015
0.802
0.8025
0.803
0.8035
0.804
-40
-20
0
20
40
60
80
100
120
V
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com