Electronic Components Datasheet Search
  English  ▼

X  

APW7074 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW7074
Description  Synchronous Buck PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7074 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW7074 Datasheet HTML 3Page - Anpec Electronics Coropration APW7074 Datasheet HTML 4Page - Anpec Electronics Coropration APW7074 Datasheet HTML 5Page - Anpec Electronics Coropration APW7074 Datasheet HTML 6Page - Anpec Electronics Coropration APW7074 Datasheet HTML 7Page - Anpec Electronics Coropration APW7074 Datasheet HTML 8Page - Anpec Electronics Coropration APW7074 Datasheet HTML 9Page - Anpec Electronics Coropration APW7074 Datasheet HTML 10Page - Anpec Electronics Coropration APW7074 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2008
APW7074
www.anpec.com.tw
7
Function Pin Description
VCC (Pin14)
Power supply input pin. Connect a nominal 12V power
supply to this pin. This pin also has a power-on-
reset function, which monitors the input voltage. It is
recommended that a decoupling capacitor (1 to 10
µF) be
connected to GND for noise decoupling.
PVCC (Pin13)
This pin provides a supply voltage for the lower gate drive.
Connect this pin to VCC pin in normal use.
BOOT (Pin10)
This pin provides the bootstrap voltage to the upper gate
driver in order to drive the N-channel MOSFET.
PHASE (Pin8)
This pin is the return path for the upper gate driver. Con-
nect this pin to the upper MOSFET source. This pin is
also used to monitor the voltage drop across the MOSFET
for over-current protection.
GND (Pin7)
This pin is the signal ground pin. Connect the GND pin to
a good ground plane.
PGND (Pin11)
This pin is the power ground pin for the lower gate driver.
It should be tied to the GND pin on the board.
COMP (Pin4)
This pin is the output of PWM error amplifier. It is used to
set the compensation components.
FB (Pin5)
This pin is the inverting input of the PWM error amplifier. It
is used to set the output voltage and the compensation
components. This pin is also monitored for under-
voltage protection. If the FB voltage is under 50% of the
reference voltage, the device will be shut down.
UGATE (Pin9)
This pin is the gate driver for the upper MOSFET of PWM
output.
LGATE (Pin12)
This pin is the gate driver for the lower MOSFET of PWM
output.
SS (Pin3)
Connect a capacitor to GND and a 10
µA current source
charges this capacitor to set the soft-start time.
OCSET (Pin2)
This pin serves two functions: a shutdown control and
the setting of over current limit threshold. Pulling this pin
below 1.3V will shutdown the controller, forcing the UGATE
and LGATE signals to be low.
A resistor (Rocset) connected between this pin and the
drain of the high side MOSFET will determine the over
current limit. An internal 200
µA current source will flow
through this resistor, creating a voltage drop, which will
be compared with the voltage across the high side
MOSFET. The threshold of the over current limit is there-
fore given by:
(
)
DS(ON)
OCSET
OCSET
PEAK
R
R
200uA
I
I
×
=
EN (Pin6)
Pull this pin above 1.3V to enable the device and below
1.2V to disable the device. In shutdown, the SS is dis-
charged and the UGATE and LGATE pins are held low.
Note that don’t leave this pin open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com