Electronic Components Datasheet Search
  English  ▼

X  

APW7074 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APW7074
Description  Synchronous Buck PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7074 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APW7074 Datasheet HTML 13Page - Anpec Electronics Coropration APW7074 Datasheet HTML 14Page - Anpec Electronics Coropration APW7074 Datasheet HTML 15Page - Anpec Electronics Coropration APW7074 Datasheet HTML 16Page - Anpec Electronics Coropration APW7074 Datasheet HTML 17Page - Anpec Electronics Coropration APW7074 Datasheet HTML 18Page - Anpec Electronics Coropration APW7074 Datasheet HTML 19Page - Anpec Electronics Coropration APW7074 Datasheet HTML 20Page - Anpec Electronics Coropration APW7074 Datasheet HTML 21Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2008
APW7074
www.anpec.com.tw
18
Package Information
SOP–14
S
Y
M
B
O
L
MIN.
MAX.
1.75
0.10
0.17
0.25
0.25
A
A1
c
D
E
E1
e
h
L
MILLIMETERS
b
0.31
0.51
SOP-14
0.25
0.50
0.40
1.27
MIN.
MAX.
INCHES
0.069
0.004
0.012
0.020
0.007
0.010
0.010
0.020
0.016
0.050
0
0.010
1.27 BSC
0.050 BSC
A2
1.25
0.049
0°
8 °
0°
8 °
L
VIEW A
SEATING PLANE
GAUGE PLANE
Note: 1. Follow JEDEC MS-012 AB.
2. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion or gate burrs shall not exceed 6 mil per side.
3. Dimension “E” does not include inter-lead flash or protrusions.
Inter-lead flash and protrusions shall not exceed 10 mil per side.
3.80
5.80
8.55
4.00
6.20
8.75
0.337
0.344
0.228
0.244
0.150
0.157
D
e
b
SEE VIEW A
c
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com