Electronic Components Datasheet Search
  English  ▼

X  

APW7074 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APW7074
Description  Synchronous Buck PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7074 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APW7074 Datasheet HTML 10Page - Anpec Electronics Coropration APW7074 Datasheet HTML 11Page - Anpec Electronics Coropration APW7074 Datasheet HTML 12Page - Anpec Electronics Coropration APW7074 Datasheet HTML 13Page - Anpec Electronics Coropration APW7074 Datasheet HTML 14Page - Anpec Electronics Coropration APW7074 Datasheet HTML 15Page - Anpec Electronics Coropration APW7074 Datasheet HTML 16Page - Anpec Electronics Coropration APW7074 Datasheet HTML 17Page - Anpec Electronics Coropration APW7074 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2008
APW7074
www.anpec.com.tw
14
Application Information
Output Voltage Selection
The output voltage can be programmed with a resistive
divider. The use of 1% or better resistors for the resistive
divider is recommended. The FB pin is the inverter input
of the error amplifier, and the reference voltage is 0.8V.
The output voltage is determined by:


+
×
=
GND
OUT
OUT
R
R
1
0.8
V
Where R
OUT is the resistor connected from VOUT to FB and
R
GND is the resistor connected from FB to GND.
Output Inductor Selection
The inductor value determines the inductor ripple cur-
rent and affects the load transient response. Higher in-
ductor value reduces the inductor’s ripple current and
induces lower output ripple voltage. The ripple current
and the ripple voltage can be approximated by:
IN
OUT
S
OUT
IN
RIPPLE
V
V
L
F
V
V
I
×
×
−
=
ESR
I
V
RIPPLE
OUT
×
=
∆
where F
S is the switching frequency of the regulator.
Although the increase of the inductor value and frequency
reduces the ripple current and voltage, there is a tradeoff
between the inductor’s ripple current and the regula-
tor load transient response time.
A smaller inductor will give the regulator a faster load
transient response at the expense of higher ripple current.
Increasing the switching frequency (F
S) also reduces the
ripple current and voltage, but it will increase the switch-
ing loss of the MOSFET and the power dissipation of the
converter. The maximum ripple current occurs at the
maximum input voltage. A good starting point is to
choose the ripple current to be approximately 30% of
the maximum output current. Once the inductance value
has been chosen, select an inductor that is capable of
carrying the required peak current without going into
saturation. In some types of inductors, especially those
with ferrite core, the ripple current will increase abruptly
when it saturates. This will result in a larger output ripple
voltage.
Output Capacitor Selection
Higher capacitor value and lower ESR reduce the out-
put ripple and the load transient drop. Therefore, select-
ing high performance low ESR capacitors is intended
for switching regulator applications. In some applications,
multiple capacitors have to be parallel to achieve the de-
sired ESR value. A small decoupling capacitor in parallel
for bypassing the noise is also recommended, and the
voltage rating of the output capacitors also must be
considered. If tantalum capacitors are used, make
sure they are surge tested by the manufactures. If in doubt,
consult the capacitors manufacturer.
Input Capacitor Selection
The input capacitor is chosen based on the voltage rat-
ing and the RMS current rating. For reliable operation,
select the capacitor voltage rating to be at least 1.3 times
higher than the maximum input voltage. The maximum
RMS current rating requirement is approximately I
OUT/
2, where I
OUT is the load current. During power up, the
input capacitors have to handle large amount of surge
current. If tantalum capacitors are used, make sure they
are surge tested by the manufactures. If in doubt, consult
the capacitors manufacturer. For high frequency
decoupling, a ceramic capacitor 1
µF can connect between
the drain of upper MOSFET and the source of lower
MOSFET.
MOSFET Selection
The selection of the N-channel power MOSFETs are de-
termined by the R
DS(ON), reverse transfer capacitance (CRSS)
and maximum output current requirement. There are two
components of loss in the MOSFETs: conduction
loss and transition loss. For the upper and lower
MOSFET, the losses are approximately given by the fol-
lowing equations:
P
UPPER = IOUT
2
(1+ TC)(R
DS(ON))D + (0.5)( IOUT)(VIN)( tSW)FS
P
LOWER = IOUT
2
(1+ TC)(R
DS(ON))(1-D)
Where I
OUT is the load current
TC is the temperature dependency of R
DS(ON)
F
S is the switching frequency
t
SW is the switching interval
D is the duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com