Electronic Components Datasheet Search
  English  ▼

X  

APW7089 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APW7089
Description  4A, 26V, 380kHz, Asynchronous Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7089 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APW7089 Datasheet HTML 5Page - Anpec Electronics Coropration APW7089 Datasheet HTML 6Page - Anpec Electronics Coropration APW7089 Datasheet HTML 7Page - Anpec Electronics Coropration APW7089 Datasheet HTML 8Page - Anpec Electronics Coropration APW7089 Datasheet HTML 9Page - Anpec Electronics Coropration APW7089 Datasheet HTML 10Page - Anpec Electronics Coropration APW7089 Datasheet HTML 11Page - Anpec Electronics Coropration APW7089 Datasheet HTML 12Page - Anpec Electronics Coropration APW7089 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jan., 2012
APW7089
www.anpec.com.tw
9
Operating Waveforms (Cont.)
V
OUT
I
L1
Enable Through EN Pin
Shutdown Through EN Pin
1
1
2
2
1
1
2
2
V
OUT
Ch1: V
EN, 5V/Div, DC
Ch2: V
OUT, 2V/Div, DC
Ch3: I
L1, 2A/Div, DC
Time: 5ms/Div
Ch1: V
EN, 5V/Div, DC
Ch2: V
OUT, 2V/Div, DC
Ch3: I
L1, 2A/Div, DC
Time: 5ms/Div
I
L1
I
OUT = 3A
I
OUT = 3A
I
OUT = 3A
I
OUT = 3A
V
EN
V
EN
3
3
3
3
(Refer to the application circuit 1 in the section “Typical Application Circuits”, V
IN=12V, VOUT=3.3V, L1=10µH)
Over Current
Short Circuit
1
1
2
2
V
OUT
Ch1: V
OUT, 1V/Div, DC
Ch2: I
L1, 2A/Div, DC
Time: 50
µs/Div
Ch1: V
OUT, 1V/Div, DC
Ch2: I
L1, 2A/Div, DC
Time: 50ms/Div
I
L1
V
OUT is shorted to ground by a short wire
V
OUT is shorted to ground by a short wire
2
1
V
OUT
I
L1
I
OUT = 1 -> 6A
2
2
1
1
V
OUT
I
L1
I
OUT = 1 -> 6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com