Electronic Components Datasheet Search
  English  ▼

X  

APW7089 Datasheet(PDF) 16 Page - Anpec Electronics Coropration

Part # APW7089
Description  4A, 26V, 380kHz, Asynchronous Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7089 Datasheet(HTML) 16 Page - Anpec Electronics Coropration

Back Button APW7089 Datasheet HTML 12Page - Anpec Electronics Coropration APW7089 Datasheet HTML 13Page - Anpec Electronics Coropration APW7089 Datasheet HTML 14Page - Anpec Electronics Coropration APW7089 Datasheet HTML 15Page - Anpec Electronics Coropration APW7089 Datasheet HTML 16Page - Anpec Electronics Coropration APW7089 Datasheet HTML 17Page - Anpec Electronics Coropration APW7089 Datasheet HTML 18Page - Anpec Electronics Coropration APW7089 Datasheet HTML 19Page - Anpec Electronics Coropration APW7089 Datasheet HTML 20Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jan., 2012
APW7089
www.anpec.com.tw
16
Function Description (Cont.)
put voltage. The under-voltage comparator has a built-in
2
µs noise filter to prevent the chips from wrong UVP shut-
down caused by noise. The under-voltage protection
works in a hiccup mode without latched shutdown. The
IC will initiate a new soft-start process at the end of the
preceeding delay.
Over-Temperature Protection (OTP)
The over-temperature circuit limits the junction tempera-
ture of the APW7089. When the junction temperature ex-
ceeds T
J = +150
oC, a thermal sensor turns off the power
MOSFET, allowing the devices to cool. The thermal sensor
allows the converter to start a start-up process and
regulate the output voltage again after the junction
temperature is cooled by 50oC. The OTP is designed
with a 50oC hysteresis to lower the average T
J during con-
tinuous thermal overload conditions, increasing lifetime
of the IC.
Enable/Shutdown
Driving EN to ground places the APW7089 in shutdown.
When in shutdown, the internal power MOSFET turns off,
all internal circuitry shuts down and the quiescent supply
current of VIN reduces to <1
µA (typical).
Current-Limit Protection
The APW7089 monitors the output current, flowing through
the P-channel power MOSFET, and limits the current peak
at current-limit level to prevent loads and the IC from
damages during overload or short-circuit conditions.
Frequency Foldback
When the output is shortened to ground, the frequency of
the oscillator will be reduced to about 80kHz. This lower
frequency allows the inductor current to safely discharge,
thereby preventing current runaway. The oscillator’s
frequency will gradually increase to its designed rate
when the feedback voltage on FB again approaches 0.8V.
Output Under-Voltage Protection (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com