Electronic Components Datasheet Search
  English  ▼

X  

APW7089 Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW7089
Description  4A, 26V, 380kHz, Asynchronous Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7089 Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW7089 Datasheet HTML 7Page - Anpec Electronics Coropration APW7089 Datasheet HTML 8Page - Anpec Electronics Coropration APW7089 Datasheet HTML 9Page - Anpec Electronics Coropration APW7089 Datasheet HTML 10Page - Anpec Electronics Coropration APW7089 Datasheet HTML 11Page - Anpec Electronics Coropration APW7089 Datasheet HTML 12Page - Anpec Electronics Coropration APW7089 Datasheet HTML 13Page - Anpec Electronics Coropration APW7089 Datasheet HTML 14Page - Anpec Electronics Coropration APW7089 Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jan., 2012
APW7089
www.anpec.com.tw
11
Pin Description
PIN
NO.
NAME
FUNCTION
1
VIN
Power Input. VIN supplies the power (4.5V to 26V) to the control circuitry, gate driver and
step-down converter switch. Connecting a ceramic bypass capacitor and a suitably large
capacitor between VIN and GND eliminates switching noise and voltage ripple on the input to
the IC.
2
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on the
regulator, drive it low to turn it off. Pull up with 100k
Ω resistor for automatic start-up.
3
UGND
Gate driver power ground of the P-channel Power MOSFET. A linear regulator regulates a 5.5V
voltage between VIN and UGND to supply power to P-channel MOSFET gate driver. Connect a
ceramic capacitor (1
µF typ.) between VIN and UGND for noise decoupling and stability of the
linear regulator.
4
VCC
Bias input and 4.2V linear regulator’s output. This pin supplies the bias to some control circuits.
The 4.2V linear regulator converts the voltage on VIN to 4.2V to supply the bias when no
external 5V power supply is connected with VCC. Connect a ceramic capacitor (1
µF typ.)
between VCC and GND for noise decoupling and stability of the linear regulator.
5
LX
Power Switching Output. Connect this pin to the underside Exposed Pad.
6
COMP
Output of error amplifier. Connect a series RC network from COMP to GND to compensate the
regulation control loop. In some cases, an additional capacitor from COMP to GND is required
for noise decoupling.
7
FB
Feedback Input. The IC senses feedback voltage via FB and regulate the voltage at 0.8V.
Connecting FB with a resistor-divider from the output set the output voltage in the range from
0.8V to 90% VIN.
8
GND
Power and Signal Ground.
9
(Exposed Pad)
LX
Power Switching Output. LX is the Drain of the P-channel MOSFET to supply power to the
output. The Exposed Pad provides current with lower impedance than Pin 5. Connect the pad to
output LC filter via a top-layer thermal pad on PCBs. The PCB will be a heat sink of the IC.
Block Diagram
LX
Gate
Control
V
REF
0.8V
Soft-Start
and
Fault Logic
Error
Amplifier
FB
Inhibit
70%V
REF
UVP
GND
POR
Soft-Start
4.2V Regulator
and
Power-On-Reset
VCC
VCC
Enable
Current Sense
Amplifier
EN
COMP
Oscillator
380kHz
Slope
Compensation
Current
Compartor
0.8V
UGND
VIN
Over-
Temperature
Protection
Current
-Limit
VIN
FB
2.5V
ENOK
UG
Gate
Driver
Linear
Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com