Electronic Components Datasheet Search
  English  ▼

X  

APW7098 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APW7098
Description  Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7098 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APW7098 Datasheet HTML 10Page - Anpec Electronics Coropration APW7098 Datasheet HTML 11Page - Anpec Electronics Coropration APW7098 Datasheet HTML 12Page - Anpec Electronics Coropration APW7098 Datasheet HTML 13Page - Anpec Electronics Coropration APW7098 Datasheet HTML 14Page - Anpec Electronics Coropration APW7098 Datasheet HTML 15Page - Anpec Electronics Coropration APW7098 Datasheet HTML 16Page - Anpec Electronics Coropration APW7098 Datasheet HTML 17Page - Anpec Electronics Coropration APW7098 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Oct., 2011
APW7098
www.anpec.com.tw
14
Block Diagram
PGND
MODE
DROOP
L
REFIN/EN
H
0.6V
V
REF
V
5VCC-1V
Error
Amplifier
FB
UGATE2
LGATE2
BOOT2
PHASE2
UGATE1
LGATE1
BOOT1
PHASE1
Current
Balance
I
CS2
CSP2
CSN2
CSP1
CSN1
I
CS1
120
µA
OC
Droop
Control
VCC
VCCDRV
Power-on-
Reset
5VCC
5VCC
Linear
Regulator
8.5V
V
CC
RT
Selectable
Oscillator
and
Sawtooth
Control
Logic
Soft-Start
SS
V
5VCC
3.6V
I
SS
10
µA
V
CC
V
CC
150/300/400 kHz
Current
Sense
Current
Sense
VCC
Linear
Controller
-
+
COMP
0.4V
V
OSC1
V
OSC2
V
CC
V
CC
1.5V
Reference
OV
UV
REFOUT/POK
125%
50%
V
R
Over-Temperature
Protection
'' ''
'' ''
I
CS1+ICS2
I
CS1+ICS2
Operation
Phase
Selection
87.5%
AGND
PWM Signal Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com