Electronic Components Datasheet Search
  English  ▼

X  

APW7098 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7098
Description  Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7098 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7098 Datasheet HTML 1Page - Anpec Electronics Coropration APW7098 Datasheet HTML 2Page - Anpec Electronics Coropration APW7098 Datasheet HTML 3Page - Anpec Electronics Coropration APW7098 Datasheet HTML 4Page - Anpec Electronics Coropration APW7098 Datasheet HTML 5Page - Anpec Electronics Coropration APW7098 Datasheet HTML 6Page - Anpec Electronics Coropration APW7098 Datasheet HTML 7Page - Anpec Electronics Coropration APW7098 Datasheet HTML 8Page - Anpec Electronics Coropration APW7098 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Oct., 2011
APW7098
www.anpec.com.tw
5
Electrical Characteristics (Cont.)
APW7098
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ERROR AMPLIFIER
DC Gain
RL = 10k
Ω to the ground
-
85
-
dB
Gain-Bandwidth Product
CL = 100pF, RL = 10k
Ω to the ground
-
20
-
MHz
Slew Rate
CL = 100pF, IO = ±
400
µA
-
8
-
V/
µs
Upper Clamp Voltage
IO = 1mA
2.7
3.0
-
V
Lower Clamp Voltage
IO = -1mA
-
-
0.1
V
COMP Pull-Low Resistance
In fault or shutdown condition
-
2
-
k
Ω
OSCILLATOR
RT = GND
135
150
165
RT = Floating
270
300
330
FOSC
Oscillator Frequency
RT = 5VCC
360
400
440
kHz
∆V
OSC1/2
Oscillator Sawtooth Amplitude
-
1.5
-
V
IRT
RT Input Current
RT = GND/5VCC(5V)
-100
-
+100
µA
RT 5VCC Level
For FOSC =150kHz
V5VCC-0.5
-
-
V
RT Floating Voltage
For FOSC =300kHz
1.2
3.6
V5VCC-1.2
V
RT GND Level
For FOSC =400kHz
-
-
0.3
V
Maximum Duty Cycle
85
88
-
%
MOSFET GATE DRIVERS
UGATE1/2 Source Current
VBOOT = 12V, VUGATE-VPHASE = 2V
-
2.6
-
A
UGATE1/2 Sink Current
VBOOT = 12V, VUGATE-VPHASE = 2V
-
1
-
A
LGATE1/2 Source Current
VCC = 12V, VLGATE = 2V
-
2.6
-
A
LGATE1/2 Sink Current
VCC =12V, VLGATE = 2V
-
1.4
-
A
UGATE1/2 Source Resistance
VBOOT = 12V, 100mA Source Current
-
2.5
3.75
Ω
UGATE1/2 Sink Resistance
VBOOT = 12V, 100mA Sink Current
-
2
3
Ω
LGATE1/2 Source Resistance
VCC = 12V, 100mA Source Current
-
2
3
Ω
LGATE1/2 Sink Resistance
VCC = 12V, 100mA Sink Current
-
1.4
2.1
Ω
TD
Dead-Time
-
30
-
ns
CURRENT SENSE AND DROOP FUNCTION
ICSP
CSP1/2 Pin Input Current
-100
-
+100
nA
Sourcing current
80
-
-
ICSN
CSN1/2 Maximum Output Current
R CSN1/2 = 2k
Ω,
Sinking current
15
-
-
µA
Current Sense Amplifier Bandwidth
-
3
-
MHz
DROOP Output Current Accuracy
RDROOP = 2k
Ω, V
DROOP =0.005V
-
50
-
µA
DROOP Accuracy
∆V
FB = VDROOP/20, VDROOP = 1V
-5
-
+5
mV
Current Difference Between
Channel1/2 and Average Current
-10
-
+10
%
Refer to the typical application circuits. These specifications apply over V
IN=12V, VOUT=1.2V and TA= -20 ~ 70°C, unless otherwise
specified. Typical values are at T
A=25°C. The V5VCC is supplied by the internal regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com