Electronic Components Datasheet Search
  English  ▼

X  

APW7215 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7215
Description  Fixed 600kHz Step-UP Converter for White LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7215 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7215 Datasheet HTML 1Page - Anpec Electronics Coropration APW7215 Datasheet HTML 2Page - Anpec Electronics Coropration APW7215 Datasheet HTML 3Page - Anpec Electronics Coropration APW7215 Datasheet HTML 4Page - Anpec Electronics Coropration APW7215 Datasheet HTML 5Page - Anpec Electronics Coropration APW7215 Datasheet HTML 6Page - Anpec Electronics Coropration APW7215 Datasheet HTML 7Page - Anpec Electronics Coropration APW7215 Datasheet HTML 8Page - Anpec Electronics Coropration APW7215 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Oct., 2012
www.anpec.com.tw
3
APW7215
Recommended Operating Conditions (Note 3)
Symbol
Parameter
Range
Unit
VIN
VIN Input Voltage
2.7 ~ 6
V
CIN
Input Capacitor
1 ~
µF
COUT
Output Capacitor
1 ~
µF
L1
Converter Output Inductor
4.7 ~ 22
µH
TA
Ambient Temperature
-40 ~ 85
°C
TJ
Junction Temperature
-40 ~ 125
°C
Note 3: Please refer to the typical application circuit.
Electrical Characteristics
Refer to the typical application circuits. These specifications apply over. V
IN=3.6V, TA=25°C.
APW7215
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY VOLTAGE AND CURRENT
VIN
Input Voltage Range
2.7
-
6
V
IDD1
VFB = 0.4V, no switching
-
-
800
µA
IDD2
VFB = GND, switching
-
1.2
1.7
mA
ISD
Input DC Bias Current
EN = GND
-
-
1
µA
UNDER-VOLTAGE LOCKOUT
UVLO Threshold Voltage
VIN Rising
2.2
2.4
2.6
V
UVLO Hysteresis Voltage
VIN Falling
50
100
200
mV
REFERENCE AND OUTPUT VOLTAGES
VREF
Regulated Feedback Voltage
VIN=2.7V ~ 6V, TA = 25°C
194
200
206
mV
IFB
FB Input Current
VFB=1.23V
-1
-
1
µA
INTERNAL POWER SWITCH
FSW
Switching Frequency
540
600
660
kHz
RON
Power Switch On Resistance
VIN=3.6V
-
0.3
0.7
VIN=3V
-
-
0.7
Ω
LX Leakage Current
VEN=0V, VLX=35V, VIN = 6V
-
-
100
µA
DMAX
LX Maximum Duty Cycle
92
95
98
%
OUTPUT OVER VOLTAGE PROTECTION
VLX_OVP
Over Voltage Threshold
VLX Rising
36
38
40
V
POWER SWITCH CURRENT LIMIT
ILIM
N-Channel MOSFET Current Limit
Duty = DMAX
1.5
-
-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com