Electronic Components Datasheet Search
  English  ▼

X  

APW7215 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7215
Description  Fixed 600kHz Step-UP Converter for White LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7215 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7215 Datasheet HTML 1Page - Anpec Electronics Coropration APW7215 Datasheet HTML 2Page - Anpec Electronics Coropration APW7215 Datasheet HTML 3Page - Anpec Electronics Coropration APW7215 Datasheet HTML 4Page - Anpec Electronics Coropration APW7215 Datasheet HTML 5Page - Anpec Electronics Coropration APW7215 Datasheet HTML 6Page - Anpec Electronics Coropration APW7215 Datasheet HTML 7Page - Anpec Electronics Coropration APW7215 Datasheet HTML 8Page - Anpec Electronics Coropration APW7215 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Oct., 2012
www.anpec.com.tw
5
APW7215
Typical Operating Characteristics
Vin Input Voltage vs. Efficiency
Vin Input Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
6
50.0
60.0
70.0
80.0
90.0
100.0
EN Dimming Cycle vs. LED Current
0
3
6
9
12
15
18
21
0
10
20
30
40
50
60
70
80
90 100
EN Dimming Cycle (%)
- 5K Hz
- 50K Hz
- 100K Hz
Vin Input voltage (V)
Vin Input Voltage vs. LED Current
19.5
19.7
19.9
20.1
20.3
20.5
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
Vin Input Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
6
6.5
97
97.5
98
98.5
99
99.5
100
Vin Input Voltage vs. Max Duty Cycle
Vin Input Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
2.5
3
3.5
4
4.5
5
5.5
6
Vin Input Voltage vs. RON
EN Dimming cycle (%)
0
20
40
60
80
100
120
140
160
180
200
0
20
40
60
80
100
EN Dimming cycle vs. Feedback Voltage
- 5K Hz
- 50K Hz
- 100K Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com