Electronic Components Datasheet Search
  English  ▼

X  

APW7215 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7215
Description  Fixed 600kHz Step-UP Converter for White LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7215 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7215 Datasheet HTML 1Page - Anpec Electronics Coropration APW7215 Datasheet HTML 2Page - Anpec Electronics Coropration APW7215 Datasheet HTML 3Page - Anpec Electronics Coropration APW7215 Datasheet HTML 4Page - Anpec Electronics Coropration APW7215 Datasheet HTML 5Page - Anpec Electronics Coropration APW7215 Datasheet HTML 6Page - Anpec Electronics Coropration APW7215 Datasheet HTML 7Page - Anpec Electronics Coropration APW7215 Datasheet HTML 8Page - Anpec Electronics Coropration APW7215 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Oct., 2012
www.anpec.com.tw
4
APW7215
Pin Description
PIN.
TDFN-2x2-6
NAME
FUNCTION
1
FB
Feedback Pin. Connect this pin to cathode of the lowest LED and current-sense resistor
(R1). Calculate resistor value according to R1=VREF/ILED.
2
NC
No Commend.
3
GND
Power and signal ground pin.
4
LX
Switch pin. Connect this pin to inductor/diode here.
5
EN
Enable Control Input. Forcing this pin above 1.0V enables the device, or forcing this pin
below 0.4V to shut it down. In shutdown, all functions are disabled to decrease the supply
current below 1µA.
6
VIN
Main Supply Pin. Must be closely decoupled to GND with a 1µF or greater ceramic
capacitor.
Exposed Pad
GND
Connecting this pad to GND.
Electrical Characteristics(Cont.)
Refer to the typical application circuits. These specifications apply over. V
IN=3.6V, TA=25°C.
APW7215
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ENABLE AND SHUTDOWN
Enable Voltage Threshold
VEN Rising
1
-
-
V
Shutdown Voltage Threshold
VEN Falling
-
-
0.4
V
EN Pulled Low Resistance
-
800
-
k
Ω
EN Minimum On Pulsed Width
Use VEN=3V to enable to device, PWM
Dimmimg Frequency=5k to 100k Hz
-
4.7
-
%
OVER-TEMPERATURE PROTECTION
TOTP
Over-Temperature Protection
(Note 4)
TJ Rising
-
150
-
°C
Over-Temperature Protection
Hysteresis
(Note 4)
TJ Falling
-
40
-
°C
Note 4: Guaranteed by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com