Electronic Components Datasheet Search
  English  ▼

X  

APW8713 Datasheet(PDF) 16 Page - Anpec Electronics Coropration

Part # APW8713
Description  High Input Voltage 8A PWM Converter With Adj. Soft Start
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8713 Datasheet(HTML) 16 Page - Anpec Electronics Coropration

Back Button APW8713 Datasheet HTML 12Page - Anpec Electronics Coropration APW8713 Datasheet HTML 13Page - Anpec Electronics Coropration APW8713 Datasheet HTML 14Page - Anpec Electronics Coropration APW8713 Datasheet HTML 15Page - Anpec Electronics Coropration APW8713 Datasheet HTML 16Page - Anpec Electronics Coropration APW8713 Datasheet HTML 17Page - Anpec Electronics Coropration APW8713 Datasheet HTML 18Page - Anpec Electronics Coropration APW8713 Datasheet HTML 19Page - Anpec Electronics Coropration APW8713 Datasheet HTML 20Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2013
APW8713
www.anpec.com.tw
16
Function Description (Cont.)
Figure 1. Current Limit algorithm
Time
0
IPEAK
IOUT
ILIMIT
ΔI
Current Limit( Cont.)
The PWM controller uses the low-side MOSFETs on-re-
sistance R
DS(ON) to monitor the current for protection
against shorted outputs. The MOSFET’s R
DS(ON) is varied
by temperature and gate to source voltage, the user
should determine the maximum R
DS(ON) in manufacture’s
datasheet.
The PCB layout guidelines should ensure that noise and
DC errors do not corrupt the current-sense signals at LX.
Place the hottest power MOSEFTs as close to the IC as
possible for best thermal coupling. When combined with
the under-voltage protection circuit, this current-limit
method is effective in almost every circumstance.
Over-Temperature Protection (OTP)
When the junction temperature increases above the ris-
ing threshold temperature T
OTR, the IC will enter the over
temperature protection state that suspends the PWM,
which forces the UG and LG gate drivers output low. The
thermal sensor allows the converters to start a start-up
process and regulate the output voltage again after the
junction temperature cools by 45oC. The OTP designed
with a 45oC hysteresis lowers the average T
J during con-
tinuous thermal overload conditions, which increases life-
time of the APW8713.
Programming the On-Time Control and PWM Switch-
ing Frequency
The APW8713 does not use a clock signal to produce
PWM. The device uses the constant on-time control ar-
chitecture to produce pseudo-fixed frequency with input
voltage feed-forward. The on-time pulse width is propor-
tional to output voltage V
OUT and inverse proportional to
input voltage V
IN. In PWM, the on-time calculation is writ-
ten as below equation.
(V)
V
)
(
R
10
2
T
IN
TON
-12
ON
Ω
×
×
=
3
.
6
Where:
R
TON is the resistor connected from TON pin to VIN pin.
Furthermore, The approximate PWM switching frequency
is written as:
ON
IN
OUT
SW
SW
ON
T
V
V
F
F
D
T
=
=
,
Where:
F
SW is the PWM switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com