Electronic Components Datasheet Search
  English  ▼

X  

APW8713 Datasheet(PDF) 17 Page - Anpec Electronics Coropration

Part # APW8713
Description  High Input Voltage 8A PWM Converter With Adj. Soft Start
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8713 Datasheet(HTML) 17 Page - Anpec Electronics Coropration

Back Button APW8713 Datasheet HTML 13Page - Anpec Electronics Coropration APW8713 Datasheet HTML 14Page - Anpec Electronics Coropration APW8713 Datasheet HTML 15Page - Anpec Electronics Coropration APW8713 Datasheet HTML 16Page - Anpec Electronics Coropration APW8713 Datasheet HTML 17Page - Anpec Electronics Coropration APW8713 Datasheet HTML 18Page - Anpec Electronics Coropration APW8713 Datasheet HTML 19Page - Anpec Electronics Coropration APW8713 Datasheet HTML 20Page - Anpec Electronics Coropration APW8713 Datasheet HTML 21Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2013
APW8713
www.anpec.com.tw
17
Application Information
Output Inductor Selection
The output voltage is adjustable from 0.8V to 12V with a
resistor-divider connected with FB, GND, and converter?¦s
output. Using 1% or better resistors for the resistor-di-
vider is recommended. The output voltage is determined
by:
Where 0.8 is the reference voltage, R
TOP is the resistor
connected from converter¡¦s output to FB, and R
GND is the
resistor connected from FB to GND. Suggested R
GND is in
the range from 1k to 20k
Ω. To prevent stray pickup, locate
resistors R
TOP and RGND close to APW 8713.
)
R
R
(1
0.8
V
GND
TOP
OUT
+
×
=
Output Inductor Selection
The duty cycle (D) of a buck converter is the function of the
input voltage and output voltage. Once an output voltage
is fixed, it can be written as:
Output Capacitor Selection
Output voltage ripple and the transient voltage deviation
are factors that have to be taken into consideration when
selecting an output capacitor. Higher capacitor value and
lower ESR reduce the output ripple and the load transient
drop. Therefore, selecting high performance low ESR
capacitors is recommended for switching regulator
applications. In addition to high frequency noise related
to MOSFET turn-on and turnoff, the output voltage ripple
includes the capacitance voltage drop
∆V
COUT and ESR
voltage drop
∆V
ESR caus ed by the AC peak-to -peak
inductor’s current. These two voltages can be represented
by:
IN
OUT
V
V
D
=
The inductor value (L) determines the inductor ripple
current, I
RIPPLE, and affects the load transient response.
Higher inductor value reduces the inductor?¦s ripple cur-
rent and induces lower output ripple voltage. The ripple
current and ripple voltage can be approximated by:
IN
OUT
SW
OUT
IN
RIPPLE
V
V
L
F
V
-
V
I
×
×
=
Where F
SW is the switching frequency of the regulator.
Although the inductor value and frequency are increased
and the ripple current and voltage are reduced, a tradeoff
exists between the inductor’s ripple current and the regu-
lator load transient response time.
A smaller inductor will give the regulator a faster load
transient response at the expense of higher ripple current.
Increasing the switching frequency (F
SW) also reduces
the ripple current and voltage, but it will increase the
switching loss of the MOSFETs and the power dissipa-
tion of the converter. The maximum ripple current occurs
at the maximum input voltage.
A good starting point is to choose the ripple current to be
approximately 30% of the maximum output current. Once
the inductance value has been chosen, selecting an in-
ductor that is capable of carrying the required peak cur-
rent without going into saturation.In some types of
inductors, especially core that is made of ferrite, the ripple
current will increase abruptly when it saturates. This re-
sults in a larger output ripple voltage. Besides, the induc-
tor needs to have low DCR to reduce the loss of efficiency.
SW
OUT
RIPPLE
OUT
F
C
8
I
C
×
×
=
∆
ESR
RIPPLE
ESR
R
I
V
×
=
∆
These two components constitute a large portion of the
total output voltage ripple. In some applications, multiple
capacitors have to be paralleled to achieve the desired
ESR value. If the output of the converter has to support
another load with high pulsating current, more capacitors
are needed in order to reduce the equivalent ESR and
suppress the voltage ripple to a tolerable level. A small
decoupling capacitor (1
µF) in parallel for bypassing the
noise is also recommended, and the voltage rating of the
output capacitors are also must be considered.
To support a load transient that is faster than the switch-
ing frequency, more capacitors are needed for reducing
the voltage excursion during load step change. Another
aspect of the capacitor selection is that the total AC cur-
rent going through the capacitors has to be less than the
rated RMS current specified on the capacitors in order to
prevent the capacitor from over-heating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com