Electronic Components Datasheet Search
  English  ▼

X  

APW8713 Datasheet(PDF) 20 Page - Anpec Electronics Coropration

Part # APW8713
Description  High Input Voltage 8A PWM Converter With Adj. Soft Start
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8713 Datasheet(HTML) 20 Page - Anpec Electronics Coropration

Back Button APW8713 Datasheet HTML 16Page - Anpec Electronics Coropration APW8713 Datasheet HTML 17Page - Anpec Electronics Coropration APW8713 Datasheet HTML 18Page - Anpec Electronics Coropration APW8713 Datasheet HTML 19Page - Anpec Electronics Coropration APW8713 Datasheet HTML 20Page - Anpec Electronics Coropration APW8713 Datasheet HTML 21Page - Anpec Electronics Coropration APW8713 Datasheet HTML 22Page - Anpec Electronics Coropration APW8713 Datasheet HTML 23Page - Anpec Electronics Coropration APW8713 Datasheet HTML 24Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Sep., 2013
APW8713
www.anpec.com.tw
20
Package Information
TQFN4x4-23
D
Pin 1
A
A1
A3
NX
aaa C
Pin 1 Corner
D1
D2
0.124
D2
2.95
3.15
0.116
0.057
E1
1.24
1.44
0.049
0.70
0.041
0.028
0.002
0.50 BSC
0.020 BSC
K
0.20
0.008
3.90
4.10
0.154
0.161
3.90
4.10
0.154
0.161
0.08
aaa
0.003
S
Y
M
B
O
L
MIN.
MAX.
0.80
0.00
0.20
0.30
2.58
2.78
0.05
0.85
A
A1
b
D
D1
E
E2
e
L
MILLIMETERS
A3
0.20 REF
TQFN4x4-23
0.35
0.45
1.05
0.008 REF
MIN.
MAX.
INCHES
0.032
0.000
0.008
0.012
0.102
0.109
0.033
0.014
0.018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com