Electronic Components Datasheet Search
  English  ▼

X  

APW8722C Datasheet(PDF) 15 Page - Anpec Electronics Coropration

Part # APW8722C
Description  5V to 12V Single Buck Voltage Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8722C Datasheet(HTML) 15 Page - Anpec Electronics Coropration

Back Button APW8722C Datasheet HTML 11Page - Anpec Electronics Coropration APW8722C Datasheet HTML 12Page - Anpec Electronics Coropration APW8722C Datasheet HTML 13Page - Anpec Electronics Coropration APW8722C Datasheet HTML 14Page - Anpec Electronics Coropration APW8722C Datasheet HTML 15Page - Anpec Electronics Coropration APW8722C Datasheet HTML 16Page - Anpec Electronics Coropration APW8722C Datasheet HTML 17Page - Anpec Electronics Coropration APW8722C Datasheet HTML 18Page - Anpec Electronics Coropration APW8722C Datasheet HTML 19Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2013
www.anpec.com.tw
15
APW8722/A/B/C/D
Application Information
Output Voltage Selection
The output voltage can be programmed with a resistive
divider. Use 1% or better resistors for the resistive divider
is recommended. The FB pin is the inverter input of the
error amplifier, and the reference voltage is 0.6V. The
output voltage is determined by:
Where R1 is the resistor connected from V
OUT to FB and
R2 is the resistor connected from FB to the GND.


+
×
=
2
1
OUT
R
R
1
0.6
V
Output Capacitor Selection
The selection of C
OUT is determined by the required effec-
tive series resistance (ESR) and voltage rating rather than
the actual capacitance requirement. Therefore, selecting
high performance low ESR capacitors is intended for
switching regulator applications. In some applications,
multiple capacitors have to be paralleled to achieve the
desired ESR value. If tantalum capacitors are used, make
sure they are surge tested by the manufactures. If in doubt,
consult the capacitors manufacturer.
Input Capacitor Selection
The input capacitor is chosen based on the voltage rat-
ing and the RMS current rating. For reliable operation,
select the capacitor voltage rating to be at least 1.3 times
higher than the maximum input voltage. The maximum
RMS current rating requirement is approximately I
OUT/2
where I
OUT is the load current. During power up, the input
capacitors have to handle large amount of surge current.
If tantalum capacitors are used, make sure they are surge
tested by the manufactures. If in doubt, consult the ca-
pacitors manufacturer.
For high frequency decoupling, a ceramic capacitor be-
tween 0.1
µF to 1µF can connect between VCC and ground
pin.
Inductor Selection
The inductance of the inductor is determined by the out-
put voltage requirement. The larger the inductance, the
lower the inductor’s current ripple. This will translate into
lower output ripple voltage. The ripple current and ripple
voltage can be approximated by:
where Fs is the switching frequency of the regulator.
∆V
OUT = IRIPPLE x ESR
IN
OUT
SW
OUT
IN
RIPPLE
V
V
L
F
V
V
I
×
×
−
=
A tradeoff exists between the inductor’s ripple current and
the regulator load transient response time. A smaller in-
ductor will give the regulator a faster load transient re-
sponse at the expense of higher ripple current and vice
versa. The maximum ripple current occurs at the maxi-
mum input voltage. A good starting point is to choose the
ripple current to be approximately 30% of the maximum
output current.
Once the inductance value has been chosen, selecting
an inductor is capable of carrying the required peak cur-
rent without going into saturation. In some types of
inductors, especially core that is make of ferrite, the ripple
current will increase abruptly when it saturates. This will
result in a larger output ripple voltage.
PWM Compensation
The output LC filter of a step down converter introduces a
double pole, which contributes with -40dB/decade gain
slope and 180 degrees phase shift in the control loop. A
compensation network among COMP, FB, and V
OUT
should be added. The compensation network is shown in
Figure 5. The output LC filter consists of the output induc-
tor and output capacitors. The transfer function of the LC
filter is given by:
The F
LC is the double poles of the LC filter, and FESR is the
zero introduced by the ESR of the output capacitor.
V
PHASE
L
V
OUT
C
OUT
ESR
Figure 2. The Output LC Filter
OUT
ESR
C
ESR
2
1
F
×
×
π
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com