Electronic Components Datasheet Search
  English  ▼

X  

APW8722C Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW8722C
Description  5V to 12V Single Buck Voltage Mode PWM Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8722C Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW8722C Datasheet HTML 1Page - Anpec Electronics Coropration APW8722C Datasheet HTML 2Page - Anpec Electronics Coropration APW8722C Datasheet HTML 3Page - Anpec Electronics Coropration APW8722C Datasheet HTML 4Page - Anpec Electronics Coropration APW8722C Datasheet HTML 5Page - Anpec Electronics Coropration APW8722C Datasheet HTML 6Page - Anpec Electronics Coropration APW8722C Datasheet HTML 7Page - Anpec Electronics Coropration APW8722C Datasheet HTML 8Page - Anpec Electronics Coropration APW8722C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2013
www.anpec.com.tw
3
APW8722/A/B/C/D
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VVCC
VCC Supply Voltage (VCC to GND)
-0.3 ~ 16
V
BOOT Supply Voltage (BOOT to PHASE)
-0.3 ~ 16
V
VBOOT
BOOT Supply Voltage (BOOT to GND)
-0.3 ~ 32
V
> 20ns
-0.3 ~ VBOOT+0.3
V
VUGATE
UGATE Voltage (UGATE to PHASE)
< 20ns
-5 ~ VBOOT+5
V
> 20ns
-0.3 ~ VVCC+0.3
V
VLGATE
LGATE Voltage (LGATE to GND)
< 20ns
-5 ~ VVCC+5
V
> 20ns
-0.3 ~ 16
V
VPHASE
PHASE Voltage (PHASE to GND)
< 20ns
-5 ~ 25
V
FB ,COMP to GND
-0.3 ~ 7
V
POK to GND
-0.3~VCC+0.3
V
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
°C
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance -Junction to Ambient
(Note 2)
SOP-8P
60
°C/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Symbol
Parameter
Range
Unit
VVCC
VCC Supply Voltage (VCC to GND)
4.5 ~ 13.2
V
Converter Output Voltage for APW8722/A/D
0.6 ~ 5
V
VOUT
Converter Output Voltage for APW8722B/C
0.8 ~ 5
V
VIN
Converter Input Voltage
3~13.2
V
IOUT
Converter Output Current
0 ~ 25
A
TA
Ambient Temperature
-40 ~ 85
°C
TJ
Junction Temperature
-40 ~ 125
°C
Recommended Operating Conditions (Note 3)
Note 3: Refer to the application circuit for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com