Electronic Components Datasheet Search
  English  ▼

X  

APW8819 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APW8819
Description  DDR TOTAL POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8819 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APW8819 Datasheet HTML 10Page - Anpec Electronics Coropration APW8819 Datasheet HTML 11Page - Anpec Electronics Coropration APW8819 Datasheet HTML 12Page - Anpec Electronics Coropration APW8819 Datasheet HTML 13Page - Anpec Electronics Coropration APW8819 Datasheet HTML 14Page - Anpec Electronics Coropration APW8819 Datasheet HTML 15Page - Anpec Electronics Coropration APW8819 Datasheet HTML 16Page - Anpec Electronics Coropration APW8819 Datasheet HTML 17Page - Anpec Electronics Coropration APW8819 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - May, 2013
APW8819
www.anpec.com.tw
14
Block Diagram
BOOT
UGATE
PHASE
LGATE
PGND
PWM
Signal
Controller
50% x REFIN
125% x REFIN
OV
UV
OC
ZC
PHASE
TON Generator
VDDQSNS
S3
S5
VTT
VTTREF
VLDOIN
VTTSNS
REFIN
REFIN x 90%
REFIN x 125%
Delay
POR
Error
Comparator
VCC
10uA
MODE
Discharge
Mode
Selection
Current Limit
S3,S5 Control Logic
Thermal
Shutdown
Soft Start
Current Limit
0.5 x VDDQ +5/10%
0.5 x VDDQ -5/10%
VTTGND
POK
GND
0.5 x VDDQ
Reference 1.8V
VREF
1R
7R
VCC
15uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com