Electronic Components Datasheet Search
  English  ▼

X  

APW8819 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APW8819
Description  DDR TOTAL POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8819 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APW8819 Datasheet HTML 14Page - Anpec Electronics Coropration APW8819 Datasheet HTML 15Page - Anpec Electronics Coropration APW8819 Datasheet HTML 16Page - Anpec Electronics Coropration APW8819 Datasheet HTML 17Page - Anpec Electronics Coropration APW8819 Datasheet HTML 18Page - Anpec Electronics Coropration APW8819 Datasheet HTML 19Page - Anpec Electronics Coropration APW8819 Datasheet HTML 20Page - Anpec Electronics Coropration APW8819 Datasheet HTML 21Page - Anpec Electronics Coropration APW8819 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - May, 2013
APW8819
www.anpec.com.tw
18
Function Description (Cont.)
PWM Converter Current-Limit
The current-limit circuit employs a “valley” current-sens-
ing algorithm (See Figure 2). The APW8819 uses the
low-side MOSFET’s R
DS(ON) of the synchronous rectifier
as a current-sensing element. If the magnitude of the
current-sense signal at PHASE pin is above the current
limit threshold, the PWM is not allowed to initiate a new
cycle. The actual peak current is greater than the current
limit threshold by an amount equals to the inductor ripple
current. Therefore, the exact current-limit characteristic
and maximum load capability are the functions of the
sense resistance, inductor value, and input voltage.
The PWM controller uses the low-side MOSFET’s on-
resistance R
DS(ON) to monitor the current for protection
against shortened outputs. The MOSFET’s R
DS(ON) is var-
ied by temperature and gate to source voltage, the user
should determine the maximum R
DS(ON) in manufacture’s
datasheet.
The OC pin can source 10
µA through an external resistor
for adjusting current-limit threshold. The voltage at OC
pin is equal to 10
µA x R
OC. The relationship between the
sampled voltage V
OC and the current-limit threshold ILIMIT
is given by:
Where R
OC is the resistor of current-limit setting threshold.
R
DS(ON) is the low side MOSFETs conducive resistance.
ILIMIT is the setting current-limit threshold. I
LIMIT can be
expressed as I
OUT minus half of peak-to-peak inductor
current.
The PCB layout guidelines should ensure that noise and
DC errors do not corrupt the current-sense signals at
PHASE. Place the hottest power MOSEFTs as close to
the IC as possible for best thermal coupling. When com-
bined with the under-voltage protection circuit, this cur-
rent-limit method is effective in almost every circumstance.
DS(ON)
LIMIT
R
I
R
u
1
X
=
×
×
OC
A
0
8
1
Figure 2. Current-Limit Algorithm
VTT Sink/Source Regulator
The output voltage at VTT pin tracks the reference voltage
applied at VTTREF pin. Two internal N-channel MOSFETs
controlled by separate high bandwidth error amplifiers
regulate the output voltage by sourcing current from
VLDOIN pin or sinking current to GND pin. To prevent two
pass transistors from shoot-through, a small voltage off-
set is created between the positive inputs of the two error
amplifiers. The VTT with fast response feedback loop
keeps tracking to the VTTREF within ±40mV at all condi-
tions including fast load transient.
S3, S5 Control
In the DDR2/DDR3 memory applications, it is important
to keep VDDQ always higher than VTT/VTTREF including
both start-up and shutdown.
The S3 and S5 signals control the VDDQ, VTT, VTTREF
states and these pins should be connected to SLP_S3
and SLP_S5 signals respectively. The table1 shows the
truth table of the S3 and S5 pins. When both S3 and S5
are above the logic threshold voltage, the VDDQ, VTT and
VTTREF are turned on at S0 state. When S3 is low and
S5 is high, the VDDQ and VTTREF are kept on while the
VTT voltage is disabled and left high impedance in S3
state. When both S3 and S5 are low, the VDDQ, VTT and
VTTREF are turned off and discharged to the ground ac-
cording to the discharge mode selected by MODE pin
during S4/S5 state.
Time
0
I
LIMIT
I
PEAK
I
VALLEY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com