Electronic Components Datasheet Search
  English  ▼

X  

APW8819 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW8819
Description  DDR TOTAL POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8819 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW8819 Datasheet HTML 1Page - Anpec Electronics Coropration APW8819 Datasheet HTML 2Page - Anpec Electronics Coropration APW8819 Datasheet HTML 3Page - Anpec Electronics Coropration APW8819 Datasheet HTML 4Page - Anpec Electronics Coropration APW8819 Datasheet HTML 5Page - Anpec Electronics Coropration APW8819 Datasheet HTML 6Page - Anpec Electronics Coropration APW8819 Datasheet HTML 7Page - Anpec Electronics Coropration APW8819 Datasheet HTML 8Page - Anpec Electronics Coropration APW8819 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - May, 2013
APW8819
www.anpec.com.tw
2
Simplified Application Circuit
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
VTT
VDDQ
VIN
+3V~28V
PWM
LOUT
Q1
Q2
DDR
LDO
5V
ROC
VDDQ/2
S3
S5
VREF
REFIN
MODE
RMODE
RTOP
RGND
APW8819
Handling Code
Temperature Range
Package Code
Package Code
QA : QFN-20
QB : TQFN-16
Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
TY : Tray
Assembly Material
G : Halogen and Lead Free Device
APW8819 QA :
Assembly Material
XXXXX - Date Code
APW8819 QB :
XXXXX - Date Code
APW
XXXXX
8819
APW
XXXXX
8819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com