Electronic Components Datasheet Search
  English  ▼

X  

AIC1341CS Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1341CS
Description  High Performance, Triple-Output, Auto-Tracking Combo Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1341CS Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1341CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AIC1341
5
n PIN DESCRIPTIONS
Pin 1:
PHASE: Over-current detection pin. Con-
nect the PHASE pin to source of
the
external
high-side
N-
MOSFET. This pin detects the
voltage drop across the high-side
N-MOSFET
RDS(ON)
for
over-
current protection.
Pin 2:
UGATE: External
high-side
N-MOSFET
gate drive pin. Connect UGATE
to gate of the external high-side
N-MOSFET.
Pin 3:
SD:
To shut down the system, active
high or floating. If connecting a
resistor to ground, keep the re-
sistor less than 4.7KΩ
Pin 4:
VCC:
The chip power supply pin. It also
provides the gate bias charge for
all the MOSFETs controlled by
the IC. Recommended supply
voltage is 12V.
Pin 5:
SS:
Soft-start pin. Connect a capaci-
tor from this pin to ground. This
capacitor, along with an internal
10
µA (typically) current source,
sets the soft-start interval of the
converter.
Pulling this pin low will shut down
the IC.
Pin 6:
FB2:
Connect this pin to a resistor di-
vider to set the linear regulator
output voltage.
Pin 7:
VIN2:
This pin supplies power to the
internal regulator. Connect this
pin to a suitable 3.3V source.
Additionally, this pin is used to
monitor the 3.3V supply. If, fol-
lowing a start-up cycle, the volt-
age drops below 2.6V (typically),
the chip shuts down. A new soft-
start cycle is initiated upon re-
turn of the 3.3V supply above
the under-voltage threshold.
Pin 8:
GATE2: Linear Controller output drive pin.
This pin can drive either a Dar-
lington NPN transistor or a N-
channel MOSFET.
Pin 9:
GND:
Signal GND for IC. All voltage
levels are measured with respect
to this pin.
Pin 10: GATE3: Linear Controller output drive pin.
This pin can drive either a Dar-
lington NPN transistor or an N-
channel MOSFET.
Pin 11: FB3
Negative feedback pin for the
linear controller error amplifier
connect this pin to a resistor di-
vider to set the linear controller
output voltage.
Pin 12: COMP1 External compensation pin. This
pin is connected to error ampli-
fier output and PWM comparator.
A RC network is connected to
FB1 to compensate the voltage
control feedback loop of the con-
verter.
Pin 13: FB1
The error amplifier inverting input
pin. The FB1 pin and COMP1 pin
are used to compensate the volt-
age-control feedback loop.
Pin 14: OCSET: Current limit sense pin. Connect
a resistor ROCSET from this pin to
the drain of the external high-side
N-MOSFET. ROCSET, an internal
200
µA current source (IOCSET),
and the upper N-MOSFET on-
resistance (RDS(ON)) set the over-
current trip point according to the
following equation:
I
I
R
R
PEAK
OCSET
OCSET
DS(ON)
=
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com