Electronic Components Datasheet Search
  English  ▼

X  

AIC1341CS Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1341CS
Description  High Performance, Triple-Output, Auto-Tracking Combo Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1341CS Datasheet(HTML) 6 Page - Analog Intergrations Corporation

Back Button AIC1341CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 10Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AIC1341
6
Pin 15: PGND:
Driver power GND pin. PGND
should be connected to a low
impedance ground plane in close
to lower N-MOSFET source.
Pin 16: LGATE: Lower N-MOSFET gate drive pin.
n TYPICAL PERFORMANCE CHARACTERISTICS
UGATE
LGATE
UGATE
LGATE
Fig.1 The gate drive waveforms
FAULT
SS
10A/div
Inductor Current
Over Load
Applied
VOUT1 =3.5V
VOUT1 =1.3V
VOUT1 =2V
SS
Fig.2 Over-Current Operation on Inductor
Fig.3 Soft start initiates PWM Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com