Electronic Components Datasheet Search
  English  ▼

X  

AIC1341CS Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # AIC1341CS
Description  High Performance, Triple-Output, Auto-Tracking Combo Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1341CS Datasheet(HTML) 8 Page - Analog Intergrations Corporation

Back Button AIC1341CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 10Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 11Page - Analog Intergrations Corporation AIC1341CS Datasheet HTML 12Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AIC1341
8
n DESCRIPTION
The AIC1341 is designed for applications with
multiple voltage demand. This IC has one PWM
controller and two linear controllers. The PWM
controller is designed to regulate the voltage
(VOUT1) by driving 2 MOSFETs (By UGATE and
LGATE) in a synchronous rectified buck converter
configuration. The voltage is regulated to a level,
which is decided by a resistor devide network.
The Power-On Reset (POR) function continually
monitors the input supply voltage +12V at VCC
pin, the 5V input voltage at OCSET pin, and the
3.3V input at VIN2 pin. The POR function initiates
soft-start operation after all three input supply
voltage exceeds their POR thresholds.
Soft-Start
The POR function initiates the soft-start sequence.
Initially, the voltage on SS pin rapidly increases to
approximate 1V. Then an internal 10µA current
source charges an external capacitor (CSS) on the
SS pin to 4V. As the SS pin voltage slews from
1V to 4V, the PWM error amplifier reference input
(Non-inverting terminal) and output (COMP1 pin) is
clamped to a level proportional to the SS pin volt-
age. As the SS pin voltage slew from 1V to 4V,
the output clamp generates PHASE pulses of in-
creasing width that charge the output capacitors.
Additionally both linear regulator’s reference in-
puts are clamped to a voltage proportional to the
SS pin voltage. This method provides a controlled
output voltage smooth rise.
Fig.3 shows the soft-start sequence for the typical
application. The internal oscillator’s triangular
waveform is compared to the clamped error ampli-
fier output voltage. As the SS pin voltage in-
creases, the pulse width on PHASE pin increases.
The interval of increasing pulse width continues
until output reaches sufficient voltage to transfer
control to the input reference clamp.
Each linear output (VOUT2 and VOUT3) initially
follows a ramp. When each output reaches suffi-
cient voltage the input reference clamp slows the
rate of output voltage rise.
Over-Current Protection
All outputs are protected against excessive over-
current.
The
PWM
controller
uses
upper
MOSFET’s on-resistance, RDS(ON) to monitor the
current for protection against shorted outputs.
Both the linear regulator and controller monitor
FB2 and FB3 for under-voltage to protect against
excessive current.
When the voltage across Q1 (ID• RDS(ON)) ex-
ceeds the level (200
µA•ROCSET), this signal in-
hibit all outputs. Discharge soft-start capacitor
(Css) with 10µA current sink, and increments the
counter. Css recharges and initiates a soft-start
cycle again until the counter increments to 3. This
sets the fault latch to disable all outputs. Fig. 2
illustrates the over-current protection until an over
load on OUT1.
Should excessive current cause FB2 or FB3 to fall
below the linear under-voltage threshold, the LUV
signal sets the over-current latch if Css is fully
charged. Cycling the bias input power off then on
reset the counter and the fault latch.
The over-current function for PWM controller will
trip at a peak inductor current (IPEAK) determined
by:
I
I
R
R
PEAK
OCSET
OCSET
DS(ON)
=
×
The OC trip point varies with MOSFET’s tempera-
ture. To avoid over-current tripping in the normal
operating load range, determine the ROCSET resis-
tor from the equation above with:
1. The maximum RDS(ON) at the highest junction.
2. The minimum IOCSET from the specification table.
3. Determine IPEAK > IOUT(MAX) + (inductor ripple
current) /2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com