Electronic Components Datasheet Search
  English  ▼

X  

TMP86FH47BUG Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TMP86FH47BUG
Description  8 Bit Microcontroller TLCS-870/C Series
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FH47BUG Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TMP86FH47BUG Datasheet HTML 3Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 4Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 5Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 6Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 7Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 8Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 9Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 10Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 218 page
background image
Differences in Electrical Characteristics (TMP86xx46 Series)
86C846 / 86CH46 / 86CM46
86CM46A
86PM46
86PH46
86CH46A
86FH46
86FH46A
86FH46B
Operat-
ing con-
dition
(MCU
mode)
Read/
Fetch
5.5
4.5
2.7
1.8
1
4.2
8
16
[MHz]
[V]
(a)
5.5
4.5
2.7
1.8
2.0
1
4.2
8
16
[MHz]
[V]
(a)
(b)
(Note1)
5.5
4.5
2.7
1.8
1
4.2
8
16
[MHz]
[V]
(a)
5.5
4.5
3.0
2.7
1.8
1
4.2
8
16
(a)
(b)
(Note2)
[MHz]
[V]
(a) 1.8V to 5.5V (-40 to 85 °C)
(a) 2.0V to 5.5V (-40 to 85 °C)
(b) 1.8V to 2.0V (-20 to 85 °C)
(a) 2.7V to 5.5V (-40 to 85 °C)
TMP86FH46A
(a) 3.0V to 5.5V (-40 to 85 °C)
(b) 2.7V to 3.0V (-20 to 85 °C)
TMP86FH46B
(a) 2.7V to 5.5V (-40 to 85 °C)
Erase/
Pro-
gram
-
-
-
5.5
4.5
2.7
1.8
1
4.2
8
16
[MHz]
[V]
(a)
(a) 4.5V to 5.5V (-10 to 40 °C)
Operating condition
(Serial PROM
mode)
-
-
5.5
4.5
2.7
1.8
2
4
8
16
[MHz]
[V]
(a)
5.5
4.5
2.7
1.8
2
4.2
8
16
[MHz]
[V]
(a)
(a) 4.5V to 5.5V (20 to 30 °C)
(a) 4.5V to 5.5V (-10 to 40 °C)
Supply voltage
(Absolute Maxi-
mum Ratings)
−0.3 ~ 6.5
86FH46A
(a)−0.3 ~ 6.5
86FH46B
(a)−0.3 ~ 6.0
Operating current
Operating current varies with each product. For details, refer to the datacheet (electrical chracteristics) of each product.(Note4)
(Note3)
Note 1: With The 86CH46A,PH46 the operating temperature (Topr) is -20 °C to 85 °C when the supply voltage VDD is less
than 2.0V.
Note 2: With The 86FH46A, the operating temperature (Topr) is -20 °C to 85 °C when the supply voltage VDD is less than
3.0V.
Note 3: With The 86FH46A,86FH46B when a program is executing in the Flash memory or when data is being read from the
Flash memory, the Flash memory operates in an intermittent manner causing peak currents in the Flash memory mo-
mentarily, as shown in Figure. in this case, the supply current IDD(in NORMAL1,NORMAL2 and SLOW1 mode) is de-
fined as the sum of the average peak current and MCU current.
Note 4: About the measurement condition of supply current, VIN level of TEST pin is deffrent between 86FH46B and the oth-
er 86xx46 series MCUs. The supply current is defined as follows; VIN of TEST pin: VIN ≤ 0.1V(86FH46B), VIN ≤ 0.2V(oth-
ers) It is described in the section "Electrical characteristics" of TMP86FH46B in detail.
TMP86FH47BUG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com