Electronic Components Datasheet Search
  English  ▼

X  

TMP86FH47BUG Datasheet(PDF) 71 Page - Toshiba Semiconductor

Part # TMP86FH47BUG
Description  8 Bit Microcontroller TLCS-870/C Series
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FH47BUG Datasheet(HTML) 71 Page - Toshiba Semiconductor

Back Button TMP86FH47BUG Datasheet HTML 67Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 68Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 69Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 70Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 71Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 72Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 73Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 74Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 75Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 218 page
background image
Watchdog Timer Control Register 1
WDTCR1
(0034H)
7
6
5
4
3
2
1
0
(ATAS)
(ATOUT)
WDTEN
WDTT
WDTOUT
(Initial value: **11 1001)
WDTEN
Watchdog timer enable/disable
0: Disable (Writing the disable code to WDTCR2 is required.)
1: Enable
Write
only
WDTT
Watchdog timer detection time
[s]
NORMAL1/2 mode
SLOW1/2
mode
Write
only
DV7CK = 0
DV7CK = 1
00
225/fc
217/fs
217/fs
01
223/fc
215/fs
215fs
10
221fc
213/fs
213fs
11
219/fc
211/fs
211/fs
WDTOUT
Watchdog timer output select
0: Interrupt request
1: Reset request
Write
only
Note 1: After clearing WDTOUT to “0”, the program cannot set it to “1”.
Note 2: fc: High-frequency clock [Hz], fs: Low-frequency clock [Hz], *: Don’t care
Note 3: WDTCR1 is a write-only register and must not be used with any of read-modify-write instructions. If WDTCR1 is
read, a don’t care is read.
Note 4: To activate the STOP mode, disable the watchdog timer or clear the counter immediately before entering the STOP
mode. After clearing the counter, clear the counter again immediately after the STOP mode is inactivated.
Note 5: To clear WDTEN, set the register in accordance with the procedures shown in “6.2.3 Watchdog Timer Disable”.
Watchdog Timer Control Register 2
WDTCR2
(0035H)
7
6
5
4
3
2
1
0
(Initial value: **** ****)
WDTCR2
Write
Watchdog timer control code
4EH: Clear the watchdog timer binary counter (Clear code)
B1H: Disable the watchdog timer (Disable code)
D2H: Enable assigning address trap area
Others: Invalid
Write
only
Note 1: The disable code is valid only when WDTCR1<WDTEN> = 0.
Note 2: *: Don’t care
Note 3: The binary counter of the watchdog timer must not be cleared by the interrupt task.
Note 4: Write the clear code 4EH using a cycle shorter than 3/4 of the time set in WDTCR1<WDTT>.
6.2.2
Watchdog Timer Enable
Setting WDTCR1<WDTEN> to “1” enables the watchdog timer. Since WDTCR1<WDTEN> is initialized
to “1” during reset, the watchdog timer is enabled automatically after the reset release.
TMP86FH47BUG
Page 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com