Electronic Components Datasheet Search
  English  ▼

X  

TMP86FH47BUG Datasheet(PDF) 29 Page - Toshiba Semiconductor

Part # TMP86FH47BUG
Description  8 Bit Microcontroller TLCS-870/C Series
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FH47BUG Datasheet(HTML) 29 Page - Toshiba Semiconductor

Back Button TMP86FH47BUG Datasheet HTML 25Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 26Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 27Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 28Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 29Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 30Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 31Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 32Page - Toshiba Semiconductor TMP86FH47BUG Datasheet HTML 33Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 218 page
background image
Timing Generator Control Register
TBTCR
(0036H)
7
6
5
4
3
2
1
0
(DVOEN)
(DVOCK)
DV7CK
(TBTEN)
(TBTCK)
(Initial value: 0000 0000)
DV7CK
Selection of input to the 7th stage
of the divider
0: fc/28 [Hz]
1: fs
R/W
Note 1: In single clock mode, do not set DV7CK to “1”.
Note 2: Do not set “1” on DV7CK while the low-frequency clock is not operated stably.
Note 3: fc: High-frequency clock [Hz], fs: Low-frequency clock [Hz], *: Don’t care
Note 4: In SLOW1/2 and SLEEP1/2 modes, the DV7CK setting is ineffective, and fs is input to the 7th stage of the divider.
Note 5: When STOP mode is entered from NORMAL1/2 mode, the DV7CK setting is ineffective during the warm-up period af-
ter release of STOP mode, and the 6th stage of the divider is input to the 7th stage during this period.
2.2.2.2
Machine cycle
Instruction execution and peripheral hardware operation are synchronized with the main system clock.
The minimum instruction execution unit is called an “machine cycle”. There are a total of 10 different
types of instructions for the TLCS-870/C Series: Ranging from 1-cycle instructions which require one ma-
chine cycle for execution to 10-cycle instructions which require 10 machine cycles for execution. A ma-
chine cycle consists of 4 states (S0 to S3), and each state consists of one main system clock.
Main system clock
State
Machine cycle
S3
S2
S1
S0
S3
S2
S1
S0
1/fc or 1/fs [s]
Figure 2-5 Machine Cycle
2.2.3
Operation Mode Control Circuit
The operation mode control circuit starts and stops the oscillation circuits for the high-frequency and low-fre-
quency clocks, and switches the main system clock. There are three operating modes: Single clock mode, du-
al clock mode and STOP mode. These modes are controlled by the system control registers (SYSCR1 and
SYSCR2). Figure 2-6 shows the operating mode transition diagram.
2.2.3.1
Single-clock mode
Only the oscillation circuit for the high-frequency clock is used, and P21 (XTIN) and P22 (XTOUT)
pins are used as input/output ports. The main-system clock is obtained from the high-frequency clock. In
the single-clock mode, the machine cycle time is 4/fc [s].
(1)
NORMAL1 mode
In this mode, both the CPU core and on-chip peripherals operate using the high-frequency clock.
The TMP86FH47BUG is placed in this mode after reset.
TMP86FH47BUG
Page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com