Electronic Components Datasheet Search
  English  ▼

X  

APA2011 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APA2011
Description  2.8W Mono Class D Audio Power Amplifier with AGC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2011 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APA2011 Datasheet HTML 5Page - Anpec Electronics Coropration APA2011 Datasheet HTML 6Page - Anpec Electronics Coropration APA2011 Datasheet HTML 7Page - Anpec Electronics Coropration APA2011 Datasheet HTML 8Page - Anpec Electronics Coropration APA2011 Datasheet HTML 9Page - Anpec Electronics Coropration APA2011 Datasheet HTML 10Page - Anpec Electronics Coropration APA2011 Datasheet HTML 11Page - Anpec Electronics Coropration APA2011 Datasheet HTML 12Page - Anpec Electronics Coropration APA2011 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
9
APA2011/2011A
Typical Operating Characteristics (Cont.)
Supply Current vs. Output Power
Output Power (W)
V
DD=5V
C
i=1µF
R
in=75kΩ
R
L=8Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
V
DD=2.4V
V
DD=3.6V
V
DD=5V
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0
0.3
0.6
0.9
1.2
1.5
1.8
Supply Current vs. Output Power
Output Power (W)
V
DD=5V
C
i=1µF
R
in=75kΩ
R
L=4Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
V
DD=2.4V
V
DD=3.6V
V
DD=5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.5
1.0
1.5
2.0
2.5
APA2011 Dynamic Range Control
Function_TDFN
Input Voltage (Vrms)
V
DD=5V
V
DR=4.23V
C
i=0.1µF
R
in=75kΩ
R
L=4Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
TDFN3x3-8
0
1.6
1
2
0.1
1
2.5
-0
+16
+1
+2
+3
+4
+5
+6
+7
+8
+9
+10
+11
+12
+13
+14
+15
APA2011 Dynamic Range Control
Function_TDFN
Input Voltage (Vrms)
V
DD=5V
V
DR=4.5V
C
i=0.1µF
R
in=75kΩ
R
L=4Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
TDFN3x3-8
-0
+16
+1
+2
+3
+4
+5
+6
+7
+8
+9
+10
+11
+12
+13
+14
+15
3
0.1
1
2
0
2.4
1
2
V
DD=5V
V
DR=4.5V
C
i=0.1µF
R
in=75kΩ
R
L=4Ω
A
V=15dB
Input Voltage (Vrms)
APA2011 Dynamic Range Control
Function_WLCSP
AUX-0025
AES-17(20kHz)
WLCSP1.5x1.5-9
0
2.5
1
2
-0
+16
+1
+2
+3
+4
+5
+6
+7
+8
+9
+10
+11
+12
+13
+14
+15
3
0.1
1
2
Noise vs. Frequency
Frequency (Hz)
V
DD=5V
C
i=0.1µF
R
in=75kΩ
R
L=8Ω
A
V=15dB
AUX-0025
AES-17(20kHz)
A-weighting
10
µ
1m
100
µ
20
20k
100
1k
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com