Electronic Components Datasheet Search
  English  ▼

X  

APA2011 Datasheet(PDF) 19 Page - Anpec Electronics Coropration

Part # APA2011
Description  2.8W Mono Class D Audio Power Amplifier with AGC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2011 Datasheet(HTML) 19 Page - Anpec Electronics Coropration

Back Button APA2011 Datasheet HTML 15Page - Anpec Electronics Coropration APA2011 Datasheet HTML 16Page - Anpec Electronics Coropration APA2011 Datasheet HTML 17Page - Anpec Electronics Coropration APA2011 Datasheet HTML 18Page - Anpec Electronics Coropration APA2011 Datasheet HTML 19Page - Anpec Electronics Coropration APA2011 Datasheet HTML 20Page - Anpec Electronics Coropration APA2011 Datasheet HTML 21Page - Anpec Electronics Coropration APA2011 Datasheet HTML 22Page - Anpec Electronics Coropration APA2011 Datasheet HTML 23Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
19
APA2011/2011A
Application Information
Square Wave Into The Speaker
Apply the square wave into the speaker may cause the
voice coil of speaker jump out the air gap and deface the
voice coil. However, this depends on the amplitude of
square wave is high enough and the bandwidth of speaker
is higher than the square wave’s frequency. For 500kHz
switching frequency, this is not issued for the speaker
because the frequency is beyond the audio band and
can’t significantly move the voice coil, as cone movement
is proportional to 1/f2 for frequency out of audio band.
Input Resistor, R
i
The APA2011/2011A’s input resistor is fixed and the value
is 25k
Ω. The input resistance has wide variation (+/-5%)
is caused by manufacture. The gain also can be set by
the external resistors (Riexr).
Input Capacitor, C
i
In the typical application, an input capacitor, C
i, is required
to allow the amplifier to bias the input signal to the proper
DC level for optimum operation. In this case, C
i and the
input impedance R
i form a high-pass filter with the corner
frequency determined in the following equation:
(4)
i
i
)
C(highpass
C
R
2
1
f
π
=
The value of C
i must be considered carefully because it
directly affects the low frequency performance of the circuit.
Where R
i is 25kΩ (minimum) and the specification calls
for a flat bass response down to 100Hz. Equation is
reconfigured as below:
c
i
i
f
R
2
1
C
π
=
(5)
When the input resistance variation is considered, the C
i
is 0.064
µF, so a value in the range of 0.1µF to 0.22µF
would be chosen. A further consideration for this capaci-
tor is the leakage path from the input source through the
input network (R
i + Rf, Ci) to the load. This leakage current
creates a DC offset voltage at the input to the amplifier
that reduces useful headroom, especially in high gain
applications. For this reason, a low-leakage tantalum or
ceramic capacitor is the best choice. When polarized ca-
pacitors are used, the positive side of the capacitor should
face the amplifier input in most applications because the
DC level of the amplifier input is held at V
DD/2. Please note
that it is important to confirm the capacitor polarity in the
application.
Ferrite Bead Selection
If the traces form APA2011/2011A to speaker is short, the
ferrite bead filters can reduce the high frequency radiated
to meet the FCC & CE required.
A ferrite that has very low impedance at low frequencies
and high impedance at high frequencies (above 1 MHz)
is recommended.
Output Low-Pass Filter
If the traces form APA2011/2011A to speaker are short, it
don’t require output filter for FCC & CE standard.
A ferrite bead may be needed if it’s failing the test for FCC
or CE tested without the LC filter. The figure 5 is the sample
for added ferrite bead; the ferrite show choosing high
impedance in high frequency.
Figure 5. Ferrite Bead Output Filter
Figure 6 and 7 and are examples for added the LC filter
(Butterworth), it’s recommended for the situation that the
trace form amplifier to speaker is too long, and needs to
eliminate the radiated emission or EMI.
V
ON
V
OP
4
Ω
1nF
1nF
Ferrite
Bead
Ferrite
Bead
(3)
6
.
5
)
R
&
R
(
Riexr
k
25
k
100
6
.
5
R
R
k
100
A
2
i
1
i
iexr
i
V
×
+
Ω
Ω
=
×
+
Ω
=
For fully differential operating, the R
iexr (Ri1& Ri2) match is
very important for CMRR, PSRR, and harmonic distortion
performance. It’s recommended to use 1% tolerance re-
sistor or better. Keep the input trace as short as possible
to limit the noise injection. The gain is recommended to
set 5.6V/V or lower for optimal the APA2011/2011A’s
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com