Electronic Components Datasheet Search
  English  ▼

X  

APA2011 Datasheet(PDF) 15 Page - Anpec Electronics Coropration

Part # APA2011
Description  2.8W Mono Class D Audio Power Amplifier with AGC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2011 Datasheet(HTML) 15 Page - Anpec Electronics Coropration

Back Button APA2011 Datasheet HTML 11Page - Anpec Electronics Coropration APA2011 Datasheet HTML 12Page - Anpec Electronics Coropration APA2011 Datasheet HTML 13Page - Anpec Electronics Coropration APA2011 Datasheet HTML 14Page - Anpec Electronics Coropration APA2011 Datasheet HTML 15Page - Anpec Electronics Coropration APA2011 Datasheet HTML 16Page - Anpec Electronics Coropration APA2011 Datasheet HTML 17Page - Anpec Electronics Coropration APA2011 Datasheet HTML 18Page - Anpec Electronics Coropration APA2011 Datasheet HTML 19Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Aug., 2013
www.anpec.com.tw
15
APA2011/2011A
Single-Ended input mode (TDFN3x3-8) and A
V=15dB
Typical Application Circuit
Differential input mode (TDFN3x3-8)
Note : *The setting value has 15% variation by IC process and this equation only for WLCSP1.5x1.5-9 package, the TDFN3x3-8
package’s output power will less than the calculation.
Note : *The setting value has 15% variation by IC process and this equation only for WLCSP1.5x1.5-9 package, the TDFN3x3-8
package’s output power will less than the calculation.
0.1
µF
0.1
µF
Shutdown
Control
4Ω
0.1
µF
10
µF
C
i1
C
i2
V
DD
APA2011/
2011A
SD
DR
INP
INN
GND
OUTP
VDD
OUTN
Differential
Signals
*R
1
V
DD
1
2
3
4
5
6
7
8
*R
1: Setting the Maximum Output Power
DD
1
1
DR
V
10k
R
R
V
×
Ω
+
=
R
SPK: Speaker Resistor
C
S2
C
S1
SPK
2
DD
DR
O
R
)
0.5V
2(V
P
*
−
=
0.022
µF
0.022
µF
Shutdown
Control
4Ω
0.1
µF
10
µF
C
i1
C
i2
V
DD
APA2011/
2011A
SD
DR
INP
INN
GND
OUTP
VDD
OUTN
Single-ended
Signals
*R
1
V
DD
1
2
3
4
5
6
7
8
*R
1: Setting the Maximum Output Power
DD
1
1
DR
V
10k
R
R
V
×
Ω
+
=
R
SPK: Speaker Resistor
R
i1
R
i2
75k
Ω
75k
Ω
C
S2
C
S1
15dB
20Log5.6
A
5.6(V/V),
5.6
k
25
)
R
&
(R
75k
100k
A
V
i2
i1
V
=
=
=
×
Ω
+
Ω
Ω
=
SPK
2
DD
DR
O
R
)
0.5V
2(V
P
*
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com