Electronic Components Datasheet Search
  English  ▼

X  

APA2012 Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APA2012
Description  3W Mono Class-D Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2012 Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APA2012 Datasheet HTML 7Page - Anpec Electronics Coropration APA2012 Datasheet HTML 8Page - Anpec Electronics Coropration APA2012 Datasheet HTML 9Page - Anpec Electronics Coropration APA2012 Datasheet HTML 10Page - Anpec Electronics Coropration APA2012 Datasheet HTML 11Page - Anpec Electronics Coropration APA2012 Datasheet HTML 12Page - Anpec Electronics Coropration APA2012 Datasheet HTML 13Page - Anpec Electronics Coropration APA2012 Datasheet HTML 14Page - Anpec Electronics Coropration APA2012 Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Oct., 2013
www.anpec.com.tw
11
APA2012
Application Information (Cont.)
Over Current Protection
The APA2012 monitors the output current, and when the
current exceeds the current-limit threshold, the APA2012
turn-off the output stage to prevent the output device from
damages in over-current or short-circuit condition. The IC
will turn-on the output buffer after 100ms, but if the over-
current or short-circuits condition is still remain, it enters
the Over-Current protection again. The situation will cir-
culate until the over-current or short-circuits has be
removed.
Thermal Protection
The over-temperature circuit limits the junction tempera-
ture of the APA2012. When the junction temperature
exceedsT
J=+170
o
C, a thermal sensor turns off the output
buffer, allowing the devices to cool. The thermal sensor
allows the amplifier to start-up after the junction tempera-
ture down about 150
o
C. The thermal protection is de-
signed with a 25
o
C hysterics to lower the average T
J dur-
ing continuous thermal overload conditions, increasing
lifetime of the IC.
Input Resistance, R
in
The gain of the APA2012 has been set by the external
resistors (R
in ).
(1)
R
2X150k
Gain(Av)
in
Ω
=
For fully differential operating, the R
in match is very impor-
t an t fo r CMRR, P S RR an d h a r m o n i c d i s t o r t i o n
performance. It’s recommended to use 1% tolerance re-
sistor or better. Keeping the input trace as short as pos-
sible to limit the noise injection.
The gain is recommended to set as 2V/V or lower for
APA2012 optimal performance.
Input Capacitor, C
in
In the typical application, an input capacitor, C
in, is required
to allow the amplifier to bias the input signal to the proper
DC level for optimum operation. In this case, C
in and the
minimum input impedance R
in from a high-pass filter with
the corner frequency are determined in the following
equation:
(2)
C
R
2
1
F
in
in
)
C(highpass
π
=
The value of C
in must be considered carefully because it
directly affects the low frequency performance of the circuit.
For example, when R
in is 100kΩ and the specification
calls for a flat bass response are down to 40Hz. The
equation is reconfigured as below:
(3)
F
R
2
1
C
c
in
in
π
=
When input resistance is considered, the C
in is 0.2µF.
Therefoe, a value in the range of 0.22
µF to 0.1.0µF would
be chosen. A further consideration for this capacitor is the
leakage path from the input source through the input net-
work (R
in + Rf, Cin) to the load.
This leakage current creates a DC offset voltage at the
input to the amplifier that reduces useful headroom, es-
pecially in high gain applications. For this reason, a low-
leakage tantalum or ceramic capacitor is the best choice.
When polarized capacitors are used, the positive side of
the capacitor should face the amplifier input in most appli-
cations because the DC level of the amplifiers’inputs are
held at V
DD/2. Please note that it is important to confirm the
capacitor polarity in the application.
Power Supply Decoupling, C
s
The APA2012 is a high-performance CMOS audio ampli-
fier that requires adequate power supply decoupling to
ensure the output total harmonic distortion (THD+N) is
as low as possible. Power supply decoupling also pre-
vents the oscillations being caused by long lead length
between the amplifier and the speaker.
The optimum decoupling is achieved by using two differ-
ent types of capacitors that target on different types of
noise on the power supply leads. For higher frequency
transients, spikes, or digital hash on the line, a good low
equivalent-series-resistance (ESR) ceramic capacitor,
typically 0.1
µF, is placed as close as possible to the de-
vice VDD pin for the best operation. For filtering lower
frequency noise signals, a large aluminum electrolytic
capacitor of 10
µF or greater is placed near the audio power
amplifier is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com