Electronic Components Datasheet Search
  English  ▼

X  

APA2012 Datasheet(PDF) 12 Page - Anpec Electronics Coropration

Part # APA2012
Description  3W Mono Class-D Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2012 Datasheet(HTML) 12 Page - Anpec Electronics Coropration

Back Button APA2012 Datasheet HTML 8Page - Anpec Electronics Coropration APA2012 Datasheet HTML 9Page - Anpec Electronics Coropration APA2012 Datasheet HTML 10Page - Anpec Electronics Coropration APA2012 Datasheet HTML 11Page - Anpec Electronics Coropration APA2012 Datasheet HTML 12Page - Anpec Electronics Coropration APA2012 Datasheet HTML 13Page - Anpec Electronics Coropration APA2012 Datasheet HTML 14Page - Anpec Electronics Coropration APA2012 Datasheet HTML 15Page - Anpec Electronics Coropration APA2012 Datasheet HTML 16Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Oct., 2013
www.anpec.com.tw
12
APA2012
Application Information (Cont.)
Output LC Filter
If the traces from the APA2012 to speaker are short, the
APA2012 doesn’t require output filter for FCC & CE
standard.
A ferrite bead may be needed if it’s failing the test for FCC
or CE is tested without the LC filter. The Figure 2 is the
sample for adding ferrite bead; the ferrite shows when
choosing high impedance in high frequency.
Figure 2. Ferrite bead output filter
VON
VOP
4
Ω
1nF
1nF
Ferrite
Bead
Ferrite
Bead
Figure 3’s low pass filter cut-off frequency is F
C
Figure 3 is an example for adding the LC filter. It’s recom-
mended to eliminate the radiated emission or EMI when
the trace from amplifier to speaker is too long.
Figure 3. LC output filter
(4)
LC
2
1
FC(lowpass)
π
=
VON
VOP
4
1
µF
1
µF
33
µH
33
µH
Mixing Two Single-Ended Input Signals
R
1
INP
INN
R
2
R
P
C
1
C
2
C
P
Figure 4. Mixing Two Single-Ended Input Signals
For mixing two Single-Ended (SE) input signals, please
refer to Figure 4. The gains of each input can be set
difference:
(5)
R
150k
2
(1)
A
1
V
Ω
×
=
(6)
R
150k
2
(2)
A
2
V
Ω
×
=
The corner frequency of each input high- pass-filter also
can be set by R
1&C1, and R2&C2.
The non-inverting input’s resistor (R
P) and capacitor (CP)
need to match the impedances of invert inputs.
(7)
C
C
C
//
C
C
2
1
2
1
P
+
=
=
(8)
R
R
R
R
//R
R
R
2
1
2
1
2
1
P
+
×
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com