Electronic Components Datasheet Search
  English  ▼

X  

APA2121 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APA2121
Description  Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2121 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APA2121 Datasheet HTML 10Page - Anpec Electronics Coropration APA2121 Datasheet HTML 11Page - Anpec Electronics Coropration APA2121 Datasheet HTML 12Page - Anpec Electronics Coropration APA2121 Datasheet HTML 13Page - Anpec Electronics Coropration APA2121 Datasheet HTML 14Page - Anpec Electronics Coropration APA2121 Datasheet HTML 15Page - Anpec Electronics Coropration APA2121 Datasheet HTML 16Page - Anpec Electronics Coropration APA2121 Datasheet HTML 17Page - Anpec Electronics Coropration APA2121 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jul., 2013
APA2120/2121
www.anpec.com.tw
14
Typical Application Circuits
APA2120
Shutdown
ckt
Volume
Control
MUX
MUX
SE/BTL
LOUT+
LOUT-
ROUT+
ROUT-
LLINEIN
RLINEIN
LHPIN
RHPIN
PCBEN
SE/BTL
SHUTDOWN
RBYPASS
LBYPASS
VOLUME
BYPASS
BYPASS
PC-BEEP
ckt
PCBEEP
Clock
Gen
CLK
4
Ω
4
Ω
Ring
Headphone Jack
Sleeve
Control
Pin
Tip
SE/BTL
0.47
µF
2.2
µF
1
µF
1
µF
1
µF
1
µF
220
µF
220
µF
1k
Ω
1k
Ω
L-LINE
R-LINE
R-HP
L-HP
VDD
VDD
100k
Ω
BEEP
Signal
Shutdown
Signal
VDD
VDD
PVDD
GND
0
Ω
47nF
100
µF
0.1
µF
PCBEN
Signal
50k
Ω
100k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com