Electronic Components Datasheet Search
  English  ▼

X  

APA2121 Datasheet(PDF) 18 Page - Anpec Electronics Coropration

Part # APA2121
Description  Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2121 Datasheet(HTML) 18 Page - Anpec Electronics Coropration

Back Button APA2121 Datasheet HTML 14Page - Anpec Electronics Coropration APA2121 Datasheet HTML 15Page - Anpec Electronics Coropration APA2121 Datasheet HTML 16Page - Anpec Electronics Coropration APA2121 Datasheet HTML 17Page - Anpec Electronics Coropration APA2121 Datasheet HTML 18Page - Anpec Electronics Coropration APA2121 Datasheet HTML 19Page - Anpec Electronics Coropration APA2121 Datasheet HTML 20Page - Anpec Electronics Coropration APA2121 Datasheet HTML 21Page - Anpec Electronics Coropration APA2121 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jul., 2013
APA2120/2121
www.anpec.com.tw
18
Volume Control Function
In Figure 2, input SE/BTL operates as below :
When the phonejack plug is inserted, the 1k
Ω resistor is
disconnected and the SE/BTL input is pulled high and
enables the SE mode. When the input goes to a high
level, the OUT- amplifier is shutdown which causes the
speaker to mute. Then, the OUT+ amplifier drives through
the output capacitor (C
C) into the headphone jack. W hen
there is no headphone plugged into the system, the con-
tact pin of the headphone jack is connected from the sig-
nal pin, and the voltage divider set up by resistors 100k
Ω
and 1k
Ω. Resistor 1kΩ then pulls low the SE/BTL pin,
enabling the BTL function.
APA2021 volume control curve
-44
-40
-36
-32
-28
-24
-20
-16
-12
-8
-4
0
4
8
12
16
20
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4
2.6 2.8
3
3.2 3.4
3.6 3.8
(V)
Gain_BTL mode
Forward
Backward
Figure 3 : Gain setting vs VOLUME Pin Voltage.
Output SE/BTL Operation (Cont.)
Application Information (Cont.)
APA2120/1 have an internal stereo volume control that
setting is the function of the DC voltage applied to the
VOLUME input pin. The APA2120/1 volume control con-
sists of 32 steps that are individually selected by a vari-
able DC voltage level on the VOLUME control pin. The
range of the steps, controlled by the DC voltage, are from
20dB to -80dB. Each gain step corresponds to a specific
input voltage range as shown in table. To minimize the
effect of noise on the volume control pin, which can affect
the selected gain level, hysteresis and clock delay are
implemented. The amount of hysteresis corresponds to
half of the step width is shown in the volume control graph.
For the highest accuracy, the voltage is shown in the ‘rec-
ommended voltage’column of the table and used to se-
lect a desired gain. This recommended voltage is exactly
halfway between the two nearest transitions. The gain
levels are 2dB/step from 20dB to -40dB in BTL mode,
and the last step at -80dB as mute mode.
Input Resistance, Ri
The gain for each audio input of the APA2120/1 is set by
the internal resistors (Ri and Rf) of volume control ampli-
fier in inverting configuration.
SE Gain =
RF
Ri
(2)
AV = -
RF
Ri
(3)
BTL Gain = -2 x
BTL mode operation brings the factor of 2 in the gain
equation due to the inverting amplifier mirroring the volt-
age swing across the load. For the varying gain setting,
APA2120/1 generate each input resistance on the figure
4. The input resistance will affect the low frequency per-
formance of audio signal. The minmum input resistance
is 10k
Ω when gain setting is 20dB, and the resistance
will ramp up when close loop gain below 20dB. The input
resistance has wide variation (+/-10%) caused by the pro-
cess variation.
Figure 4: Input Resistance vs Gain Setting.
Ri vs Gain(BTL)
0
20
40
60
80
100
120
-40
-30
-20
-10
0
10
20
Gain(dB)
Ri(k
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com