Electronic Components Datasheet Search
  English  ▼

X  

APA2175 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APA2175
Description  Stereo Cap-Free Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2175 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APA2175 Datasheet HTML 3Page - Anpec Electronics Coropration APA2175 Datasheet HTML 4Page - Anpec Electronics Coropration APA2175 Datasheet HTML 5Page - Anpec Electronics Coropration APA2175 Datasheet HTML 6Page - Anpec Electronics Coropration APA2175 Datasheet HTML 7Page - Anpec Electronics Coropration APA2175 Datasheet HTML 8Page - Anpec Electronics Coropration APA2175 Datasheet HTML 9Page - Anpec Electronics Coropration APA2175 Datasheet HTML 10Page - Anpec Electronics Coropration APA2175 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2010
www.anpec.com.tw
7
APA2175
Typical Operating Characteristics (Cont.)
Frequency (Hz)
Output Voltage FFT vs. Frequency
V
DD=3.3V
R
L=600Ω
A
V=-1V/V
V
O=-60dB to 2Vrms
0
20k
5k
10k
15k
-140
+0
-120
-100
-80
-60
-40
-20
0
1
2
3
4
5
6
0.0 0.5 1.0
1.5 2.0 2.5 3.0
3.5 4.0 4.5
Supply Voltage (V)
Av=-1.5V/V
No Load
Supply Current vs. Supply Voltage
-150
+0
-120
-90
-60
-30
Frequency (Hz)
GSM Power Supply Rejection vs.
Frequency
0
2k
400
800
1.2k
1.6k
-150
+0
-120
-90
-60
-30
TIME:2ms/Div
CH2: V
LOUT, 20mV/Div, DC
CH3: V
ROUT, 20mV/Div, DC
CH1: V
DD, 500mV/Div, DC, Offset=3.0V
GSM Power Supply Rejection vs. Time
2
V
LOUT
V
ROUT
1
3
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com