Electronic Components Datasheet Search
  English  ▼

X  

APA2175 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APA2175
Description  Stereo Cap-Free Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2175 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APA2175 Datasheet HTML 1Page - Anpec Electronics Coropration APA2175 Datasheet HTML 2Page - Anpec Electronics Coropration APA2175 Datasheet HTML 3Page - Anpec Electronics Coropration APA2175 Datasheet HTML 4Page - Anpec Electronics Coropration APA2175 Datasheet HTML 5Page - Anpec Electronics Coropration APA2175 Datasheet HTML 6Page - Anpec Electronics Coropration APA2175 Datasheet HTML 7Page - Anpec Electronics Coropration APA2175 Datasheet HTML 8Page - Anpec Electronics Coropration APA2175 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2010
www.anpec.com.tw
3
APA2175
Absolute Maximum Ratings (Cont.) (Note 1)
Symbol
Parameter
Rating
Unit
VOUT
ROUT and LOUT to GND Voltage
VSS-0.3 to VDD+0.3
VCPP
CPP to PGND Voltage
PGND-0.3 to PVDD+0.3
VCPN
CPN to PGND Voltage
PVSS-0.3 to PGND+0.3
V
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-65 to +150
TSDR
Maximum Soldering Temperature Range, 10 Seconds
260
οC
PD
Power Dissipation
Internally Limited
W
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Range
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage
2.3
4.5
VIH
High Level Threshold Voltage
RSD, LSD
1
-
VIL
Low Level Threshold Voltage
RSD, LSD
-
0.35
V
TA
Operating Ambient Temperature Range
-40
85
TJ
Operating Junction Temperature Range
-40
125
οC
APA2175
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IDD
VDD Supply Current
-
5
10
mA
ISD
VDD Shutdown Current
VRSD=VLSD=0V
-
1
5
µA
Ii
Input current
RSD, LSD
-
0.1
-
µA
Recommended Operating Conditions
Electrical Characteristics
V
DD=3.3V, VRSD=VLSD=VDD, CCPF=CCPO=2.2µF, Ci=1µF, TA=25
oC (unless otherwise noted)
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance - Junction to Ambient
(Note 2)
TQFN4x4-20B
TSSOP-16
45
100
oC/W
θ
JC
Thermal Resistance - Junction to Case
(Note 3)
TQFN4x4-20B
8
oC/W
Note 2: Please refer to “ Layout Recommendation”, the Thermal Pad on the bottom of the IC should soldered directly to the PCB’s
Thermal Pad area that with several thermal vias connect to the ground plan, and the PCB is a 2-layer, 5-inch square area with 2oz
copper thickness.
Note 3: The case temperature is measured at the center of the Thermal Pad on the underside of the TQFN4x4-20B package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com