Electronic Components Datasheet Search
  English  ▼

X  

APA2175 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APA2175
Description  Stereo Cap-Free Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2175 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APA2175 Datasheet HTML 2Page - Anpec Electronics Coropration APA2175 Datasheet HTML 3Page - Anpec Electronics Coropration APA2175 Datasheet HTML 4Page - Anpec Electronics Coropration APA2175 Datasheet HTML 5Page - Anpec Electronics Coropration APA2175 Datasheet HTML 6Page - Anpec Electronics Coropration APA2175 Datasheet HTML 7Page - Anpec Electronics Coropration APA2175 Datasheet HTML 8Page - Anpec Electronics Coropration APA2175 Datasheet HTML 9Page - Anpec Electronics Coropration APA2175 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2010
www.anpec.com.tw
6
APA2175
Typical Operating Characteristics (Cont.)
Output Noise Voltage vs. Frequency
Frequency (Hz)
Left channel
Right channel
V
DD=3.3V
R
L=600Ω
A
V=-1.5V/V
C
i=1µF
A-Weighting
1
µ
50
µ
2
µ
3
µ
5
µ
7
µ
10
µ
20
µ
30
µ
20
20k
100
1k
10k
Output Noise Voltage vs. Frequency
Frequency (Hz)
Left channel
Right channel
V
DD=3.3V
R
L=100kΩ
A
V=-1.5V/V
C
i=1µF
A-Weighting
20
20k
100
1k
10k
1
µ
50
µ
2
µ
3
µ
5
µ
7
µ
10
µ
20
µ
30
µ
Frequency Response
Frequency (Hz)
V
DD=3.3V
Av=-1.5V/V
R
L=600Ω
C
i=1µF
Phase
Gain
10
200k
100
1k
10k
+0
+4
+1
+2
+3
+140
+220
+160
+180
+200
Frequency Response
Frequency (Hz)
V
DD=3.3V
Av=-1.5V/V
R
L=100kΩ
C
i=1µF
Phase
Gain
10
200k
100
1k
10k
+0
+4
+1
+2
+3
+140
+220
+160
+180
+200
Frequency (Hz)
PSRR vs. Frequency
V
DD=3.3V
R
L=600Ω
A
V=-1.5V/V
C
i=1µF
V
rr=0.1Vrms
Left channel
Right channel
20
20k
100
1k
10k
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
Frequency (Hz)
PSRR vs. Frequency
V
DD=3.3V
R
L=100kΩ
A
V=-1.5V/V
C
i=1µF
V
rr=0.1Vrms
Left channel
Right channel
20
20k
100
1k
10k
-120
-20
-110
-100
-90
-80
-70
-60
-50
-40
-30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com