Electronic Components Datasheet Search
  English  ▼

X  

AIC1579CS Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1579CS
Description  Step-Down Switching Regulator Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1579CS Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1579CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AIC1579/L
5
TYPICAL PERFORMANCE CHARACTERISTICS(Continued)
Temperature (
°C)
SS Current vs. Temperature
-40
-
20
0
20
40
60
80
100
120 140 160
9.3
9.4
9.5
9.6
9.7
9.8
9.9
Tc = 306 ppm/
°C @ 0~100°C
Over-Current Operation
Soft Start Initiates Output
Transient Response



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com