Electronic Components Datasheet Search
  English  ▼

X  

AIC1579CS Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1579CS
Description  Step-Down Switching Regulator Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1579CS Datasheet(HTML) 7 Page - Analog Intergrations Corporation

  AIC1579CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AIC1579/L
7
APPLICATION CIRCUIT
AIC1579L
OCSET
COMP
FB
GND
PHASE
SS
UGATE
VCC
C7
1000pF
C6
33P
C5
0.01
µF
C2
1000pF
+
C4
1000
µF x 6
+
C3
1000
µFX2
R2
90.9K 1%
R1
2.2K
7
µH
L1
1
µH
D1
BYV118
M1
RFP45N03L
5V
R3
2K
1%
1%
*C1 MUST BE VERY CLOSE TO VCC PIN
C1*
1
µF
12V
L2
VOUT
1.5V/10A
R4
13K
1%
*VOUT=1.3V x (1+ R3/R4)
10
Ω
R8
PHYSICAL DIMENSIONS
8 LEAD PLASTIC SO (unit: mm)
SYMBOL
MIN
MAX
A
1.35
1.75
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
4.80
5.00
E
3.80
4.00
e
1.27(TYP)
H
5.80
6.20
L
0.40
1.27
D
H
e
A
B
C
E
L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com