Electronic Components Datasheet Search
  English  ▼

X  

AIC1579CS Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1579CS
Description  Step-Down Switching Regulator Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1579CS Datasheet(HTML) 6 Page - Analog Intergrations Corporation

  AIC1579CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1579CS Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AIC1579/L
6
BLOCK DIAGRAM
-
+
-
+
4V
Soft
Start
Error
AMP
VCC
200
µA
Over Current
PHASE
OCSET
10
µA
SS
COMP
UGATE
GND
FB
PWM Comparator
REF.
Power-ON Reset
Gate
Control
Oscilator
PIN DESCRIPTIONS
PIN 1: OCSET - Current limit sense pin. Connect
a resistor ROCSET from this pin to
the
drain
of
the
external
MOSFET. R
OCSET,
an internal
200
µA current source (IOCSET),
and the external MOSFET on-
resistance (R
DS(ON)) jointly set the
overcurrent trip point according
to the following equation:
I
IR
R
PEAK
OCSET
OCSET
DS(ON
=
×
)
If FB pin voltage is sensed to be
below 50% of the internal
voltage reference VDAC, the
overcurrent comparator cycles
the soft-start function.
PIN 2: SS
- Soft
start
pin.
Connect
a
capacitor from this pin to ground.
An internal 10
µA current source
provides soft start function for
the converter.
PIN 3: COMP - External compensation pin. This
pin
is
connected
to
error
amplifier
output
and
PWM
comparator. A RC network is
connected
to
FB
pin
to
compensate the voltage-control
feedback loop of the converter.
PIN 4: FB
- The error amplifier inverting
input pin. The FB pin and COMP
pin are used to compensate the
voltage-control feedback loop.
PIN 5: GND-
Ground pin.
PIN 6: PHASE- Overcurrent
detection
pin.
Connect the PHASE pin to
source
of
the
external
N-
MOSFET. This pin detects the
voltage
drop
across
the
MOSFET RDS(ON) for overcurrent
protection.
PIN 7: UGATE- External MOSFET gate drive pin.
Connect this pin to gate of the
external MOSFET.
PIN 8: VCC
-The chip power supply pin.
Recommended supply voltage is
12V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com