Electronic Components Datasheet Search
  English  ▼

X  

AIC1631CS Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1631CS
Description  2-Cell, 500mA, Step-Up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1631CS Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1631CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AIC1631
3
ELECTRICAL CHARACTERISTICS (CONTINUED)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Efficiency
ILOAD =200mA
AIC1631/AIC1631-3
AIC1631-5
87
90
%
Line Regulation
ILOAD =100mA
AIC1631, VIN=1.8 ~ 3.3V
AIC1631-3, VIN=1.8 ~ 3V
AIC1631-5, VIN=2.2 ~ 3.3V
0.6
0.5
0.8
%VOUT
Load Regulation
ILOAD =10~300mA
AIC1631/AIC1631-3
AIC1631-5
0.3
0.8
%VOUT
Oscillator Frequency
90
120
150
KHz
LBI Pin Trip Point
1.17
1.22
1.27
V
FB Threshold Voltage
AIC1631A
0.598
0.617
0.636
V
SW “ON Resistance”
AIC1631/AIC1631-3
AIC1631-5
0.5
0.4
Ω
LBO “ON Resistance”
VIN=2V
45
Ω
SW Off Leakage
1
µA
Input Pin Bias Current
10
nA/Pin
Output Pin Leakage
10
nA/Pin
TYPICAL PERFORMANCE CHARACTERISTICS
ISW (A)
1
0
0.5
1
1.5
2
2.5
3
0
0.25
0.5
0.75
Ta=25
°C
AIC1631/1631-3
AIC1631-5
Switch Voltage vs. Current
020
40
60
80
0.36
0.38
0.42
0.46
0.5
.0.54
0.58
Temperature (
°C)
AIC1631/1631-3
AIC1631-5
SW ON Resistance vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com