Electronic Components Datasheet Search
  English  ▼

X  

AIC1631CS Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1631CS
Description  2-Cell, 500mA, Step-Up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1631CS Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1631CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AIC1631
2-Cell, 500mA, Step-Up DC/DC Converter
Analog Integrations Corporation
4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-1631-04 Dec 27, 00
TEL: 886-3-5772500
FAX: 886-3-5772510
1
FEATURES
High Efficiency 90%.
Adjustable Output Voltage with Two Resistors
(AIC1631A)
Power-Saving Shutdown Mode (7
µA typical).
Internal 2A Switch.
120KHz Switching Rate.
Adjustable Switch Current Limit.
On-Chip Low Battery Detector.
APPLICATIONS
Palmtop & Notebook Computers.
Pocket Organizers.
Cameras.
Pagers.
Battery Backup Supplies.
Portable Instruments.
DESCRIPTION
The AIC1631 is a high efficiency step up DC-
DC converter. Only four external components
are required to deliver a fixed voltage of 3V,
3.3V, or 5V. The output voltage can be exter-
nally set to an arbitrary value below breakdown
voltage of the power switch for AIC1631A. Effi-
ciency beyond 87% can be easily achieved at
100mA load with 2.2V to 3V input voltages.
Logic-controlled shutdown mode is provided for
power saving. Switch current limit can be pro-
grammed with a resistor. The low battery de-
tector can be configured as a linear regulator or
a burst mode controller performing an extremely
low supply current operation.
120KHz switching rate reduces the inductor size.
Inductors of 25
µH to 50µH inductance are re-
commended for most applications.
TYPICAL APPLICATION CIRCUIT
AIC1631
LOAD
100
µF
NORMAL
R
ILIM
SD
ILIM/SD
VOUT
VIN
LBI
SW
LBO
SGND
CGND
+V
IN
1N5819
D1
+
+
C1
R1
L
C2
100
µF
50
µH
100
Ω
+V
OUT
(3.3V)
Note: V
IN
≥≥≥≥1.8V, VOUT≤≤≤≤7V
High Efficiency Step-Up DC/DC Converter


Similar Part No. - AIC1631CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1630-3CN AIC-AIC1630-3CN Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1630-3CS AIC-AIC1630-3CS Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1630-5CN AIC-AIC1630-5CN Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1630-5CS AIC-AIC1630-5CS Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
More results

Similar Description - AIC1631CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
3-Cell, High-Efficiency, Step-Up DC/DC Converter
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
2-Cell, Step-Up DC/DC Converter Controller
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
2-Cell, 200mA, Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
logo
Analog Intergrations Co...
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
logo
National Semiconductor ...
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
500mA Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
3-Pin One-Cell Step-Up DC/DC Converter
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
logo
ams AG
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
logo
Silicon Standard Corp.
SS6631 SSC-SS6631 Datasheet
596Kb / 11P
500mA Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com