Electronic Components Datasheet Search
  English  ▼

X  

AIC1631CS Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1631CS
Description  2-Cell, 500mA, Step-Up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1631CS Datasheet(HTML) 6 Page - Analog Intergrations Corporation

Back Button AIC1631CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1631CS Datasheet HTML 10Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AIC1631
6
PIN DESCRIPTIONS
AIC1631/ AIC1631-3 / AIC1631-5
PIN 1: ILIM/SD- 1. Connected
to
VIN
pin
through a resistor to set the
switch
peak
current.
It
serves to protect IC and in-
ductor, as well as to im-
prove efficiency and output
ripples. However, supply
capability of the AIC1631 is
limited by the current limit
resistor. (See typical per-
formance
characteristics).
The ILIM/SD pin should be
shorted to VIN pin if limiting
on switch peak current is
not intended.
2. The AIC1631 goes in shut-
down mode and consumes
less
than
10
µA
when
ILIM/SD pin is pulled to
ground.
PIN 2: VIN
- Input supply.
PIN 3: SW
- Drain of the power switch, to
be connected to inductor/ di-
ode.
PIN 4:SGND - Ground connected to source of
power switch.
PIN 5:CGND - Ground for control circuits of
the IC. It should be separated
from SGND to avoid the inter-
ference.
PIN 6:LBO
- Open drain output of the bat-
tery low detector, with 45
Ω
“ON resistance” at VIN=2V. It is
pulled low when the voltage on
LBI pin is below 1.22V.
PIN 7:LBI
- The noninverting input of the
battery low detector, of which
the inverting input is internally
connects to 1.22V voltage ref-
erence.
PIN 8:VOUT - The output voltage feedbacks
to the IC through this pin.
AIC1631A
PIN 1: ILIM/SD-
1. Connected
to
VIN
pin
through a resistor to set the
switch peak current. It serves to
protect IC and inductor, as well
as to improve efficiency and
output ripples. However, supply
capability of the AIC1631A is
limited by the current limit resis-
tor. (See typical performance
characteristics). The ILIM/SD pin
should be shorted to VIN pin if
limiting on switch peak current is
not intended.
2. The AIC1631A goes in shut-
down mode and consumes less
than 10
µA when ILIM/SD pin is
pulled to ground.
PIN 2: VIN
-
Input supply.
PIN 3: SW
-
Drain of the power switch, to be
connected to inductor/ diode.
PIN 4: GND
-
Ground.
PIN 5: FB
-
Output voltage can either be
internally set to 5 volt by
grounding FB pin, or be exter-
nally set to an arbitrary voltage
by applying to FB pin the divider
voltage of two divider resistors.
VOUT voltage is given by the
following equation:
1
0.617
V
R2
R1
OUT −
=
where R1 = Resistor connected
between FB pin and VOUT pin.
R2= Resistor connected be-
tween FB pin and ground.
VOUT=Output voltage to be set.
PIN 6: LBO
-
Open drain output of the battery
low detector, with 45
Ω “ON re-
sistance” at VIN=2V. It is pulled
low when the voltage on LBI pin
is below 1.22V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com