Electronic Components Datasheet Search
  English  ▼

X  

AD7738 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7738
Description  8-Channel, High Throughput, 24-Bit - ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7738 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7738 Datasheet HTML 5Page - Analog Devices AD7738 Datasheet HTML 6Page - Analog Devices AD7738 Datasheet HTML 7Page - Analog Devices AD7738 Datasheet HTML 8Page - Analog Devices AD7738 Datasheet HTML 9Page - Analog Devices AD7738 Datasheet HTML 10Page - Analog Devices AD7738 Datasheet HTML 11Page - Analog Devices AD7738 Datasheet HTML 12Page - Analog Devices AD7738 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
REV. 0
AD7738
–9–
OUTPUT NOISE AND RESOLUTION SPECIFICATION
The AD7738 can be operated with chopping enabled or disabled, allowing the ADC to be programmed either to optimize the
throughput rate and channel switching time or to optimize offset drift performance. Noise tables for these two primary modes of
operation are outlined below for a selection of output rates and settling times.
CHOPPING ENABLED
The first mode, in which the AD7738 is configured with chopping enabled (CHOP = 1), provides very low noise numbers with lower
output rates. Tables I to III show the –3 dB frequencies and typical performance versus channel conversion time or equivalent output
data rate, respectively. Table I shows the typical output rms noise. Table II shows the typical effective resolution based on the rms
noise. Table III shows the typical output peak-to-peak resolution, representing values for which there will be no code flicker within a
six-sigma limit. The peak-to-peak resolutions are not calculated based on rms noise, but on peak-to-peak noise.
These typical numbers are generated from 4096 data samples acquired in Continuous Conversion mode with an analog input voltage
set to 0 V and MCLK = 6.144 MHz. The Conversion Time is selected via the Channel Conversion Time register.
Table I. Typical Output RMS Noise in
V vs. Conversion Time and Input Range with
Chopping Enabled
Conversion
Conversion
Output
–3 dB
Input Range
Time
Time
Data Rate
Frequency
FW
Register
( s)
(Hz)
(Hz)
2.5 V, +2.5 V
1.25 V, +1.25 V,
625 mV, +625 mV
127
FFh
2686
372
194
1.8
1.1
46
AEh
999
1001
521
3.0
1.8
17
91h
395
2534
1317
5.1
3.0
8
88h
207
4826
2510
8.1
4.5
4
84h
124
8074
4198
9.3
5.3
2
82h
82
12166
6326
17.0
10.6
Table II. Typical Effective Resolution in Bits vs. Conversion Time and Input Range with
Chopping Enabled
Conversion
Conversion
Output
–3 dB
Input Range
Time
Time
Data Rate
Frequency
FW
Register
( s)
(Hz)
(Hz)
2.5 V
+2.5 V
1.25 V
+1.25 V
625 mV
+625 mV
127
FFh
2686
372
194
21.4
20.4
21.1
20.1
20.1
19.1
46
AEh
999
1001
521
20.6
19.6
20.4
19.4
19.4
18.4
17
91h
395
2534
1317
19.9
18.9
19.6
18.6
18.6
17.6
8
88h
207
4826
2510
19.2
18.2
19.0
18.0
18.0
17.0
4
84h
124
8074
4198
19.0
18.0
18.8
17.8
17.8
16.8
2
82h
82
12166
6326
18.1
17.1
17.8
16.8
16.8
15.8
Table III. Typical Peak-to-Peak Resolution in Bits vs. Conversion Time and Input Range with
Chopping Enabled
Conversion
Conversion
Output
–3 dB
Input Range
Time
Time
Data Rate
Frequency
FW
Register
( s)
(Hz)
(Hz)
2.5 V
+2.5 V
1.25 V
+1.25 V
625 mV
+625 mV
127
FFh
2686
372
194
18.4
17.4
18.2
17.2
17.2
16.2
46
AEh
999
1001
521
17.8
16.8
17.5
16.5
16.5
15.5
17
91h
395
2534
1317
16.8
15.8
16.7
15.7
15.7
14.7
8
88h
207
4826
2510
16.5
15.5
16.2
15.2
15.2
14.2
4
84h
124
8074
4198
16.0
15.0
16.0
15.0
15.0
14.0
2
82h
82
12166
6326
15.0
14.0
15.0
14.0
14.0
13.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com